Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 16Page - PMC-Sierra, Inc PM5356 Datasheet HTML 17Page - PMC-Sierra, Inc PM5356 Datasheet HTML 18Page - PMC-Sierra, Inc PM5356 Datasheet HTML 19Page - PMC-Sierra, Inc PM5356 Datasheet HTML 20Page - PMC-Sierra, Inc PM5356 Datasheet HTML 21Page - PMC-Sierra, Inc PM5356 Datasheet HTML 22Page - PMC-Sierra, Inc PM5356 Datasheet HTML 23Page - PMC-Sierra, Inc PM5356 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
5
APPLICATION EXAMPLES
The PM5357 S/UNI-622-MAX is applicable to equipment implementing
Asynchronous Transfer Mode (ATM) User-Network Interfaces (UNI) and ATM
Network-Network Interfaces (NNI).
The S/UNI-622-MAX may find application at either end of switch-to-switch links
or switch-to-terminal links, both in public network (WAN) and private network
(LAN) situations. The S/UNI-622-MAX performs the mapping of ATM cells into
the SONET/SDH STS-12c/STM-4-4c synchronous payload envelope (SPE) and
processes applicable SONET/SDH section, line and path overheads.
In a typical STS-12c/STM-4-4c ATM application, the S/UNI-622-MAX performs
clock and data recovery in the receive direction and clock synthesis in the
transmit direction of the line interface. The S/UNI-622-MAX can also be
configured to by-pass the clock recovery, clock synthesis, and serializer/de-
serializer functions. In this mode, an external clock and data recovery/serial-to-
parallel converter device is required in the receive direction, and an external
serial-to-parallel converter/clock synthesis device is required in the transmit
direction.
On the system side, the S/UNI-622-MAX interfaces directly with ATM layer
processors and switching or adaptation functions using a UTOPIA Level 2
compliant 16-bit (clocked up to 50 MHz) or an UTOPIA Level 3 8-bit (clocked up
to 100 MHz) synchronous FIFO style interface.
An application with a UTOPIA Level 2 system side interface is shown in Figure 1.
An application with a UTOPIA Level 3 system side is shown in Figure 2. The
initial configuration and ongoing control and monitoring of the S/UNI-622-MAX
are normally provided via a generic microprocessor interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com