Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 33Page - PMC-Sierra, Inc PM5356 Datasheet HTML 34Page - PMC-Sierra, Inc PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
TCA
Output
L23
The UTOPIA transmit cell available (TCA) signal
provides direct status indication of when cell space is
available in the transmit FIFO.
When set high, TCA indicates that the corresponding
transmit FIFO is not full and a complete cell may be
written. TCA is set low to either indicate that the
transmit FIFO is near full or that the transmit FIFO is
full. To reduce FIFO latency, the FIFO depth at which
TCA indicates "full" can be set to one, two, three or
four cells. Note that regardless of what fill level TCA
is set to indicate "full" at, the transmit cell processor
can store 4 complete cells.
In 16-bit Level 2 ATM mode, TCA will transition low
one TFCLK cycle after the payload word 19 or 23
(depending of the configuration in TXCP) is sampled
on the TDAT[15:0] bus.
In 8-bit Level 3 ATM mode, TCA will transition low on
the rising edge of TFCLK before the payload byte 45
is sampled on the TDAT[7:0] bus.
TCA is updated on the rising edge of TFCLK.
RFCLK
Input
M21
The UTOPIA receive FIFO read clock (RFCLK).
RFCLK is used to read ATM cells from the four cell
receive FIFO.
When in 16-bit Level 2 ATM mode, RFCLK must cycle
at a 50 MHz to 40 MHz instantaneous rate, and must
be a free running clock (cannot be gapped).
When in 8-bit Level 3 ATM mode, RFCLK must cycle
at a 100 MHz to 60 MHz instantaneous rate, and
must be a free running clock (cannot be gapped).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com