Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 55Page - PMC-Sierra, Inc PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc PM5356 Datasheet HTML 57Page - PMC-Sierra, Inc PM5356 Datasheet HTML 58Page - PMC-Sierra, Inc PM5356 Datasheet HTML 59Page - PMC-Sierra, Inc PM5356 Datasheet HTML 60Page - PMC-Sierra, Inc PM5356 Datasheet HTML 61Page - PMC-Sierra, Inc PM5356 Datasheet HTML 62Page - PMC-Sierra, Inc PM5356 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
49
pointer is out of range).
AIS_ind
H1 = 'hFF, H2 = 'hFF
inc_ind
disabled NDF + ss + majority of I bits inverted + no
majority of D bits inverted + previous NDF_enable, inc_ind
or dec_ind more than 3 frames ago
dec_ind
disabled NDF + ss + majority of D bits inverted + no
majority of I bits inverted + previous NDF_enable, inc_ind
or dec_ind more than 3 frames ago
inv_point
not any of above (i.e., not norm_point, and not
NDF_enable, and not AIS_ind, and not inc_ind and not
dec_ind)
new_point
disabled_NDF + ss + offset value in range of 0 to 782 but
not equal to active offset
inc_req
majority of I bits inverted + no majority of D bits inverted
dec_req
majority of D bits inverted + no majority of I bits inverted
Note 1-
active offset is defined as the accepted current phase of the SPE
(VC) in the NORM_state and is undefined in the other states.
Note 2 -
enabled NDF is defined as the following bit patterns: 1001, 0001,
1101, 1011, 1000.
Note 3 -
disabled NDF is defined as the following bit patterns: 0110, 1110,
0010, 0100, 0111.
Note 4 -
the remaining six NDF codes (0000, 0011, 0101, 1010, 1100, 1111)
result in an inv_ndf indication.
Note 5 -
ss bits are unspecified in SONET and has bit pattern 10 in SDH
Note 6 -
the use of ss bits in definition of indications may be optionally
disabled.
Note 7 -
the requirement that previous NDF_enable, inc_ind or dec_ind be
more than 3 frames ago may be optionally disabled.
Note 8 -
new_point is also an inv_point.
Note 9 -
LOP is not declared if all the following conditions exist:
• the received pointer is out of range (>782),
• the received pointer is static,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com