Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 69Page - PMC-Sierra, Inc PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
63
The interface also indicates FIFO overruns via a maskable interrupt and register
bits. The TXCP automatically transmits idle cells until a full cell is available to be
transmitted.
10.13 JTAG Test Access Port
The JTAG Test Access Port block provides JTAG support for boundary scan. The
standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST
instructions are supported. The S/UNI-622-MAX identification code is
0x353560CD hexadecimal.
10.14 Microprocessor Interface
The microprocessor interface block provides normal and test mode registers, and
the logic required to connect to the microprocessor interface. The normal mode
registers are required for normal operation, and test mode registers are used to
enhance the testability of the S/UNI-622-MAX. In the following section every
register is documented and identified using the register number (REG #).
Addresses that are not shown are not used and must be treated as Reserved.
Table 3: Register Memory Map
Address
Register Description
000
S/UNI-622-MAX Master Reset and Identity
001
S/UNI-622-MAX Master Configuration #1
002
S/UNI-622-MAX Master Configuration #2
003
S/UNI-622-MAX Clock Monitors
004
S/UNI-622-MAX Master Interrupt Status #1
005
S/UNI-622-MAX Master Interrupt Status #2
006
S/UNI-622-MAX APS Control and Status
007
S/UNI-622-MAX Miscellaneous Configuration
008
S/UNI-622-MAX Auto Line RDI Control
009
S/UNI-622-MAX Auto Path RDI Control
00A
S/UNI-622-MAX Auto Enhanced Path RDI Control
00B
S/UNI-622-MAX Receive RDI and Enhanced RDI Control
00C
S/UNI-622-MAX Receive Line AIS Control
00D
S/UNI-622-MAX Receive Path AIS Control
00E
S/UNI-622-MAX Receive Alarm Control #1
00F
S/UNI-622-MAX Receive Alarm Control #2
010
RSOP Control/Interrupt Enable
011
RSOP Status/Interrupt Status
012
RSOP Section BIP-8 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com