Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc PM5356 Datasheet HTML 80Page - PMC-Sierra, Inc PM5356 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
Address
Register Description
08B
TXCP Reserved
08C
TXCP Reserved
08D
TXCP Reserved
08E
TXCP Reserved
08F
TXCP Reserved
090
RUL3 Configuration
091
RUL3 Reserved
092
TUL3 Configuration
093
TUL3 Reserved
094
Reserved
095
DLL RFCLK
096
DLL RFCLK
097
DLL RFCLK
098
DLL TFCLK
099
DLL TFCLK
09A
DLL TFCLK
09B
DLL TFCLK
09C
DLL PTCLK
09D
DLL PTCLK
09E
DLL PTCLK
09F
DLL PTCLK
0E0
RASE Interrupt Enable
0E1
RASE Interrupt Status
0E2
RASE Configuration/Control
0E3
RASE SF BERM Accumulation Period LSB
0E4
RASE SF BERM Accumulation Period
0E5
RASE SF BERM Accumulation Period MSB
0E6
RASE SF BERM Saturation Threshold LSB
0E7
RASE SF BERM Saturation Threshold MSB
0E8
RASE SF BERM Declaring Threshold LSB
0E9
RASE SF BERM Declaring Threshold MSB
0EA
RASE SF BERM Clearing Threshold LSB
0EB
RASE SF BERM Clearing Threshold MSB
0EC
RASE SD BERM Accumulation Period LSB
0ED
RASE SD BERM Accumulation Period
0EE
RASE SD BERM Accumulation Period MSB
0EF
RASE SD BERM Saturation Threshold LSB
0F0
RASE SD BERM Saturation Threshold MSB
0F1
RASE SD BERM Declaring Threshold LSB
0F2
RASE SD BERM Declaring Threshold MSB
0F3
RASE SD BERM Clearing Threshold LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com