Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 122 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 122 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 118Page - PMC-Sierra, Inc PM5356 Datasheet HTML 119Page - PMC-Sierra, Inc PM5356 Datasheet HTML 120Page - PMC-Sierra, Inc PM5356 Datasheet HTML 121Page - PMC-Sierra, Inc PM5356 Datasheet HTML 122Page - PMC-Sierra, Inc PM5356 Datasheet HTML 123Page - PMC-Sierra, Inc PM5356 Datasheet HTML 124Page - PMC-Sierra, Inc PM5356 Datasheet HTML 125Page - PMC-Sierra, Inc PM5356 Datasheet HTML 126Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
112
Register 0x1F: RLOP Line FEBE MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
LFE[19]
X
Bit 2
R
LFE[18]
X
Bit 1
R
LFE[17]
X
Bit 0
R
LFE[16]
X
LFE[19:0]
Bits LFE[19:0] represent the number of line FEBE errors (individual or block)
that have been detected since the last time the error count was polled. The
error count is polled by writing to any of the RLOP Line BIP-96 Register or
Line FEBE Register addresses. Such a write transfers the internally
accumulated error count to the Line FEBE Registers within approximately 7
µs and simultaneously resets the internal counter to begin a new cycle of
error accumulation.
The count can also be polled by writing to the S/UNI-622-MAX Master Reset
and Identity register (0x00). Writing to register address 0x00 loads all the
counter registers in the RSOP, RLOP, RPOP, SPTB, SSTB, RXCP, TXCP,
RXFP and TXFP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com