Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 138 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 138 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 134Page - PMC-Sierra, Inc PM5356 Datasheet HTML 135Page - PMC-Sierra, Inc PM5356 Datasheet HTML 136Page - PMC-Sierra, Inc PM5356 Datasheet HTML 137Page - PMC-Sierra, Inc PM5356 Datasheet HTML 138Page - PMC-Sierra, Inc PM5356 Datasheet HTML 139Page - PMC-Sierra, Inc PM5356 Datasheet HTML 140Page - PMC-Sierra, Inc PM5356 Datasheet HTML 141Page - PMC-Sierra, Inc PM5356 Datasheet HTML 142Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
128
Register 0x33 (EXTD=0): RPOP Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
PSLE
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
LOPE
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
PAISE
0
Bit 2
R/W
PRDIE
0
Bit 1
R/W
BIPEE
0
Bit 0
R/W
FEBEE
0
NOTE: To facilitate additional register mapping, shadow registers have been
added to registers 0x30, 0x31 and 0x33. These shadow registers are accessed
in the same way as the normal registers.
The EXTD (extend register) bit must be set in register 0x36 to allow switching
between accessing the normal registers and the shadow registers.
This register allows interrupt generation to be enabled for path level alarm and
error events.
FEBEE:
The FEBEE bit is the interrupt enable for path FEBEs. When FEBEE is a
logic one, an interrupt is generated when a path FEBE is detected.
BIPEE:
The BIPEE bit is the interrupt enable for path BIP-8 errors. When BIPEE is a
logic one, an interrupt is generated when a B3 error is detected.
PRDIE:
The PRDIE bit is the interrupt enable for path RDI. When PRDIE is a logic
one, an interrupt is generated when the path RDI state changes.
PAISE:
The PAISE bit is the interrupt enable for path AIS. When PAISE is a logic
one, an interrupt is generated when the path AIS state changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com