Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 158Page - PMC-Sierra, Inc PM5356 Datasheet HTML 159Page - PMC-Sierra, Inc PM5356 Datasheet HTML 160Page - PMC-Sierra, Inc PM5356 Datasheet HTML 161Page - PMC-Sierra, Inc PM5356 Datasheet HTML 162Page - PMC-Sierra, Inc PM5356 Datasheet HTML 163Page - PMC-Sierra, Inc PM5356 Datasheet HTML 164Page - PMC-Sierra, Inc PM5356 Datasheet HTML 165Page - PMC-Sierra, Inc PM5356 Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
152
Register 0x49: TPOP Path Status
Bit
Type
Function
Default
Bit 7
R/W
FEBE[3]
0
Bit 6
R/W
FEBE[2]
0
Bit 5
R/W
FEBE[1]
0
Bit 4
R/W
FEBE[0]
0
Bit 3
R/W
PRDI
0
Bit 2
R/W
APRDI
0
Bit 1
R/W
G1[1]
0
Bit 0
R/W
G1[0]
0
This register allows control over the path status byte.
G1[1:0]:
The G1[1:0] bits are inserted in bits 1 and 2 of the Path Status Byte G1.
These bits are ignored when EPRDIEN is logic zero or when EPRDIEN and
EPRDISRC are both logic one. See the description of EPRDIEN and
EPRDISRC for more details on how G1 can be controlled.
APRDI:
The APRDI bit controls the insertion of the auxiliary path remote defect
indication. When APRDI is a logic one, the APRDI bit position in the path
status byte is set high. When APRDI is a logic zero, the APRDI bit position in
the path status byte is set low.
PRDI:
The PRDI bit controls the insertion of the path remote defect indication.
When a logic one is written to this bit position, the PRDI bit position in the
path status byte is set high. When a logic zero is written to this bit position,
the PRDI bit position in the path status byte is set low. This bit is ignored
when EPRDIEN is logic zero or when EPRDIEN and EPRDISRC are both
logic one.
FEBE[3:0]:
The FEBE[3:0] bits are inserted in the FEBE bit positions in the path status
byte. The value contained in FEBE[3:0] is cleared after being inserted in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com