Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 186 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 186 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 182Page - Motorola, Inc HC05 Datasheet HTML 183Page - Motorola, Inc HC05 Datasheet HTML 184Page - Motorola, Inc HC05 Datasheet HTML 185Page - Motorola, Inc HC05 Datasheet HTML 186Page - Motorola, Inc HC05 Datasheet HTML 187Page - Motorola, Inc HC05 Datasheet HTML 188Page - Motorola, Inc HC05 Datasheet HTML 189Page - Motorola, Inc HC05 Datasheet HTML 190Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 232 page
background image
MOTOROLA
B-2
MC68HC05X16
Rev. 1
MC68HC705X32
15
B.1
Features
•
–40 to +125
°C operating temperature range
•
31232 bytes user EPROM plus 16 bytes of EPROM user vectors
•
528 bytes of RAM
•
654 bytes bootstrap ROM
•
Simultaneous programming of up to 16 bytes of EPROM
•
4 MHz bus speed
•
Available in 64-pin QFP package
Note:
The electrical characteristics for the MC68HC05X16 should not be used for the
MC68HC705X32. Section B.9.2 and Section B.9.5 contain data specific to this device.
B.2
VPP6
The VPP6 pin is the voltage input for the EPROM in both read and programming modes (see
Section B.5).
B.3
CANE
This pin is the MCAN enable input. If CANE is connected to VDD, the internal MCAN module is
selected and its registers are mapped at addresses $0020 to $003D.
Note:
Although this pin can be left floating to disconnect the MCAN module, it is advisable to
connect it to VSS when the module is not in use.
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com