Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 184 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 184 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 180Page - Motorola, Inc HC05 Datasheet HTML 181Page - Motorola, Inc HC05 Datasheet HTML 182Page - Motorola, Inc HC05 Datasheet HTML 183Page - Motorola, Inc HC05 Datasheet HTML 184Page - Motorola, Inc HC05 Datasheet HTML 185Page - Motorola, Inc HC05 Datasheet HTML 186Page - Motorola, Inc HC05 Datasheet HTML 187Page - Motorola, Inc HC05 Datasheet HTML 188Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 232 page
background image
MOTOROLA
A-12
MC68HC05X16
Rev. 1
MC68HC05X32
15
A.3.6
MCAN bus interface control timing characteristics
Table 1-7 MCAN bus interface control timing characteristics
(4.5V
≤ V
DD ≤ 5.5V, VSS = 0 Vdc, TA = –40°C to +125°C)
Characteristic
Symbol
Min
Max
Unit
MCAN bus output driver
Rise and fall time (CLOAD = 100pF)
TRF
—25
ns
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com