Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 180 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 180 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 176Page - Motorola, Inc HC05 Datasheet HTML 177Page - Motorola, Inc HC05 Datasheet HTML 178Page - Motorola, Inc HC05 Datasheet HTML 179Page - Motorola, Inc HC05 Datasheet HTML 180Page - Motorola, Inc HC05 Datasheet HTML 181Page - Motorola, Inc HC05 Datasheet HTML 182Page - Motorola, Inc HC05 Datasheet HTML 183Page - Motorola, Inc HC05 Datasheet HTML 184Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 232 page
background image
MOTOROLA
A-8
MC68HC05X16
Rev. 1
MC68HC05X32
15
(1) All IDD measurements taken with suitable decoupling capacitors across the power supply to suppress the transient
switching currents inherent in CMOS designs (see Section 2).
(2) Typical values are at mid point of voltage range and at 25
°C only.
(3) RUN and WAIT IDD: measured using an external square-wave clock source, refer to Figure 2-6(c); all inputs 0.2 V
from rail; no DC loads; maximum load on outputs 50pF (20pF on OSC2).
STOP/WAIT IDD: all ports configured as inputs; VIL = 0.2 V and VIH = VDD – 0.2 V: STOP IDD measured with
OSC1 = VDD. WAIT IDD is affected linearly by the OSC2 capacitance.
(4) fOSC = 4.4 MHz; fBUS = 2.2 MHz; fCAN = 2.2 MHz
(5) fOSC = 22 MHz; fBUS = 2.2 MHz; fCAN = 11 MHz
(6) These limits are also applicable under the following conditions:
MCU RUN mode/SLOW mode/CAN active
MCU WAIT mode/SLOW mode/CAN active
MCU WAIT mode/CAN active
(7) These limits are also applicable under the following conditions:
MCU WAIT mode/SLOW mode/CAN asleep
(8) These currents are the summation of the MCU current + CAN current (IDD + IDD1)
(9) Current injection is guaranteed but not tested.
Functionality of the MCU is guaranteed during injection of dc current up to the maximum specified level.
The maximum specified current for each port is the sum of the magnitudes of the currents on each side of the
individual port pins.
Some disturbance of the A/D accuracy is possible during an injection event and is dependent on board layout,
power supply decoupling and reference voltage decoupling configurations.
Input current
OSC1=VDD (OSC2=VSS)
Input current
OSC1=VSS (OSC2=VDD)
IFH
IFL
–10
—
—
—
—
+10
µA
Input current
IRQ, TCAP1, TCAP2, RDI,
PD0/AN0-PD7/AN7 (channel not selected)
IIN
—
±0.2
±1
µA
Capacitance
Ports (as input or output), RESET, TDO, SCLK
IRQ, TCAP1, TCAP2, OSC1, RDI
PD0/AN0–PD7/AN7 (A/D off)
PD0/AN0–PD7/AN7 (A/D on)
COUT
CIN
CIN
CIN
—
—
—
—
—
—
12
22
12
8
—
—
pF
pF
pF
pF
DC injection current(9)
Port A (PA0–PA7)
Port B (PB0–PB7)
|IINJ|
|IINJ|
—
—
—
—
10
10
mA
mA
Table A-3 DC electrical characteristics
(VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40°C to +125°C)
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com