Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 176 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 176 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 172Page - Motorola, Inc HC05 Datasheet HTML 173Page - Motorola, Inc HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc HC05 Datasheet HTML 176Page - Motorola, Inc HC05 Datasheet HTML 177Page - Motorola, Inc HC05 Datasheet HTML 178Page - Motorola, Inc HC05 Datasheet HTML 179Page - Motorola, Inc HC05 Datasheet HTML 180Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 232 page
background image
MOTOROLA
A-4
MC68HC05X16
Rev. 1
MC68HC05X32
15
Figure A-2 Memory map of the MC68HC05X32 (Continued)
Port B data register
Port C data register
Port D input data register
Port A data register
$0000
Compare low register 2
A/D data register
Port A data direction register
Port B data direction register
Port C data direction register
E/EEPROM/ECLK control register
A/D status/control register
Pulse length modulation A
Pulse length modulation B
Miscellaneous register
SCI baud rate register
SCI control register 1
SCI control register 2
SCI status register
SCI data register
Timer control register
Timer status register
Capture high register 1
Capture low register 1
Compare high register 1
Compare low register 1
Counter high register
Counter low register
Alternate counter high register
Alternate counter low register
Capture high register 2
Capture low register 2
Compare high register 2
$0001
$0002
$0003
$0004
$0005
$0006
$0007
$0008
$0009
$000A
$000B
$000C
$000D
$000E
$000F
$0010
$0011
$0012
$0013
$0014
$0015
$0016
$0017
$0018
$0019
$001A
$001B
$001C
$001D
$001E
$001F
Receive data field (8 bytes)
Control register
Command register
Status register
Interrupt register
Acceptance code register
Acceptance mask register
Bus timing register 0
Bus timing register 1
Output control register
Test register
Transmit identifier
ATR bit/data length code
Transmit data field (8 bytes)
Receive identifier
ATR bit/data length code
$0020
$0021
$0022
$0023
$0024
$0025
$0026
$0027
$0028
$0029
$002A
$002B
$002C
$0034
$0035
$0036
$003D
Registe
MCAN
control registers
10 bytes
MCAN
transmit buffer
10 bytes
MCAN
receive buffer
10 bytes
Ports
7 bytes
EEPROM/ECLK
control
1 byte
PLM system
2 bytes
A/D
converter
2 bytes
Miscellaneous
1 byte
SCI
5 bytes
Timer
14 bytes
$0100
Options register
$0047
Register
$0000
$0007
$0008
$000A
$000C
$000D
$0012
$0020
$002A
$0034
$003E
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com