Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 172 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 172 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 168Page - Motorola, Inc HC05 Datasheet HTML 169Page - Motorola, Inc HC05 Datasheet HTML 170Page - Motorola, Inc HC05 Datasheet HTML 171Page - Motorola, Inc HC05 Datasheet HTML 172Page - Motorola, Inc HC05 Datasheet HTML 173Page - Motorola, Inc HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc HC05 Datasheet HTML 176Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 232 page
background image
MOTOROLA
14-2
MC68HC05X16
Rev. 1
ORDERING INFORMATION
14
14.1
EPROMS
For the MC68HC05X16, a 16K byte EPROM programmed with the customer’s software (positive
logic for address and data) should be submitted for pattern generation. All unused bytes should be
programmed to $00. The size of EPROM which should be used for all other family members is
listed in Table 14-2.
The EPROM should be clearly labelled, placed in a conductive IC carrier and securely packed.
14.2
Verification media
All original pattern media (EPROMs) are filed for contractual purposes and are not returned. A
computer listing of the ROM code will be generated and returned with a listing verification form.
The listing should be thoroughly checked and the verification form completed, signed and returned
to Motorola. The signed verification form constitutes the contractual agreement for creation of the
custom mask. If desired, Motorola will program blank EPROMs (supplied by the customer) from
the data file used to create the custom mask, to aid in the verification process.
14.3
ROM verification units (RVU)
Ten MCUs containing the customer’s ROM pattern will be provided for program verification. These
units will have been made using the custom mask but are for ROM verification only. For
expediency, they are usually unmarked and are tested only at room temperature (25
°C) and at
5 Volts. These RVUs are included in the mask charge and are not production parts. They are
neither backed nor guaranteed by Motorola Quality Assurance.
Table 14-2 EPROMs for pattern generation
Device
Size of EPROM
MC68HC05X16
16K byte
MC68HC05X32
32K byte
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com