Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 171 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 171 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 167Page - Motorola, Inc HC05 Datasheet HTML 168Page - Motorola, Inc HC05 Datasheet HTML 169Page - Motorola, Inc HC05 Datasheet HTML 170Page - Motorola, Inc HC05 Datasheet HTML 171Page - Motorola, Inc HC05 Datasheet HTML 172Page - Motorola, Inc HC05 Datasheet HTML 173Page - Motorola, Inc HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
14-1
ORDERING INFORMATION
14
14
ORDERING INFORMATION
This section describes the information needed to order the MC68HC05X16 and other family members.
To initiate a ROM pattern for the MCU, you should contact your local field service office, local sales
person or Motorola representative. Please note that you will need to supply details such as: mask
option selections; temperature range; oscillator frequency; package type; electrical test
requirements; and device marking details so that an order can be processed, and a customer
specific part number allocated. Refer to Table 14-1 for appropriate part numbers. The part number
consists of the device title plus the appropriate suffix. For example, the MC68HC05X16 in 64-pin
QFP package at –40 to +85
°C would be ordered as: MC68HC05X16CFU.
Note:
The high speed version of the MC68HC05X32 has the same device title as the standard
version. High speed operation is selected via a check box on the order form and will be
confirmed on the listing verification form. See Appendix C for electrical characteristics.
Table 14-1 MC order numbers
Device Title
Package Type
Suffix
0 to 70
°C
Suffix
-40 to +85
°C
Suffix
-40 to +105
°C
Suffix
-40 to +125
°C
MC68HC05X16
64-pin QFP
FU
CFU
VFU
MFU
MC68HC05X32
64-pin QFP
FU
CFU
VFU
MFU
MC68HC705X32
64-pin QFP
FU
CFU
Contact sales
Contact sales
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com