Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 173 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 173 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 169Page - Motorola, Inc HC05 Datasheet HTML 170Page - Motorola, Inc HC05 Datasheet HTML 171Page - Motorola, Inc HC05 Datasheet HTML 172Page - Motorola, Inc HC05 Datasheet HTML 173Page - Motorola, Inc HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc HC05 Datasheet HTML 176Page - Motorola, Inc HC05 Datasheet HTML 177Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
A-1
MC68HC05X32
15
A
MC68HC05X32
The MC68HC05X32 is a device similar to the MC68HC05X16, but with increased RAM and ROM
sizes. The entire MC68HC05X16 data sheet applies to the MC68HC05X32, with the exceptions
outlined in this appendix.
A.1
Features
•
31232 bytes of user ROM plus 16 bytes of user vectors
•
528 bytes of RAM
•
654 bytes of bootstrap ROM
•
Available in 64-pin QFP package
•
High speed operation (4 MHz bus speed) available. See Appendix C for tables of electrical
characteristics.
•
– 40
° to +125°C temperature range
Important note
The following applies to the D53J MC68HC05X32 mask set only:
–
Mask options on the MC68HC05X32 allow the customer to
select POR delay cycles and oscillator DIV ratio. However,
during reset, options of 4064 cycles POR and DIV 10 are
forced, regardless of which options the customer has selected.
Therefore, a power-on reset delay of 40640 oscillator cycles is
forced.
On the D53J mask set, DIV10 is forced in bootstrap mode. On later mask set
revisions, including D69J, DIV2 is forced in bootstrap mode.
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com