Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 177 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 177 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 173Page - Motorola, Inc HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc HC05 Datasheet HTML 176Page - Motorola, Inc HC05 Datasheet HTML 177Page - Motorola, Inc HC05 Datasheet HTML 178Page - Motorola, Inc HC05 Datasheet HTML 179Page - Motorola, Inc HC05 Datasheet HTML 180Page - Motorola, Inc HC05 Datasheet HTML 181Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
A-5
MC68HC05X32
15
(1) This bit is set each time there is a power-on reset.
(2) The state of the WDOG bit after reset is dependent upon the mask option selected; 1 = watchdog enabled, 0 = watchdog disabled.
(3) This register is implemented in EEPROM; therefore reset has no effect on the individual bits.
Table A-1 Register outline
Register name
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State on
reset
Port A data (PORTA)
$0000
Undefined
Port B data (PORTB)
$0001
Undefined
Port C data (PORTC)
$0002
PC2/
ECLK
Undefined
Port D data (PORTD)
$0003
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Undefined
Port A data direction (DDRA)
$0004
0000 0000
Port B data direction (DDRB)
$0005
0000 0000
Port C data direction (DDRC)
$0006
0000 0000
EEPROM/ECLK control
$0007
WOIE
CAF
0
0
ECLK
E1ERA E1LAT E1PGM
0000 0000
A/D data (ADDATA)
$0008
0000 0000
A/D status/control (ADSTAT)
$0009
COCO ADRC ADON
0
CH3
CH2
CH1
CH0
0000 0000
Pulse length modulation A (PLMA) $000A
0000 0000
Pulse length modulation B (PLMB) $000B
0000 0000
Miscellaneous
$000C
POR(1)
INTP
INTN
INTE
SFA
SFB
SM
WDOG(2) u001 000u
SCI baud rate (BAUD)
$000D
SPC1
SPC0
SCT1
SCT0
SCT0
SCR2
SCR1
SCR0
00uu uuuu
SCI control 1 (SCCR1)
$000E
R8
T8
M
WAKE
CPOL
CPHA
LBCL
Undefined
SCI control 2 (SCCR2)
$000F
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0000 0000
SCI status (SCSR)
$0010
TDRE
TC
RDRF
IDLE
OR
NF
FE
1100 000u
SCI data (SCDR)
$0011
0000 0000
Timer control (TCR)
$0012
ICIE
OCIE
TOIE
FOLV2 FOLV1
OLV2
IEDG1 OLVL1
0000 00u0
Timer status (TSR)
$0013
ICF1
OCF1
TOF
ICF2
OCF2
Undefined
Input capture high 1
$0014
Undefined
Input capture low 1
$0015
Undefined
Output compare high 1
$0016
Undefined
Output compare low 1
$0017
Undefined
Timer counter high
$0018
1111 1111
Timer counter low
$0019
1111 1100
Alternate counter high
$001A
1111 1111
Alternate counter low
$001B
1111 1100
Input capture high 2
$001C
Undefined
Input capture low 2
$001D
Undefined
Output compare high 2
$001E
Undefined
Output compare low 2
$001F
Undefined
Options (OPTR)(3)
$0100
EE1P
SEC
Not affected
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com