Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 178 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 178 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 174Page - Motorola, Inc HC05 Datasheet HTML 175Page - Motorola, Inc HC05 Datasheet HTML 176Page - Motorola, Inc HC05 Datasheet HTML 177Page - Motorola, Inc HC05 Datasheet HTML 178Page - Motorola, Inc HC05 Datasheet HTML 179Page - Motorola, Inc HC05 Datasheet HTML 180Page - Motorola, Inc HC05 Datasheet HTML 181Page - Motorola, Inc HC05 Datasheet HTML 182Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 232 page
background image
MOTOROLA
A-6
MC68HC05X16
Rev. 1
MC68HC05X32
15
A.3
Electrical specifications
This section contains the electrical specifications and associated timing information for the
MC68HC05X32.
A.3.1
Maximum ratings
Note:
This device contains circuitry designed to protect against damage due to high
electrostatic voltages or electric fields. However, it is recommended that normal
precautions be taken to avoid the application of any voltages higher than those given in
the maximum ratings table to this high impedance circuit. For maximum reliability all
unused inputs should be tied to either VSS or VDD.
(1) All voltages are with respect to VSS.
(2) Maximum current drain per pin is for one pin at a time, limited by an external resistor.
Table A-2 Maximum ratings
Rating
Symbol
Value
Unit
Supply voltage(1)
VDD
– 0.5 to +7.0
V
Input voltage
VIN
VSS – 0.5 to VDD + 0.5
V
Input voltage
– bootstrap mode (IRQ pin only)
VIN
VSS – 0.5 to 2VDD + 0.5
V
Operating temperature range
TA
TL to TH
– 40 to +125
°C
Storage temperature range
TSTG
– 65 to +150
°C
Current drain per pin(2)
(Excluding VDD, VSS, VDD1 and VSS1)
– Source
– Sink
ID
IS
25
45
mA
mA
External oscillator frequency
fOSC
22
MHz
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com