Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices AD9531 Datasheet HTML 37Page - Analog Devices AD9531 Datasheet HTML 38Page - Analog Devices AD9531 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Data Sheet
AD9531
cause the PFD frequency to be the active reference frequency,
divided by the value of R1.
Note that, when the ×2 frequency multiplier is in use, the active
reference signal must have a duty cycle close to 50%. Otherwise,
spurious artifacts (or harmonics) may propagate through the
signal path and appear at the output of PLL1.
PLL1 PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMPS
The PFD determines the phase difference between the edges of
the reference divider output and the edges of the feedback divider
output. The maximum operating frequency of the PFD depends
on the operating mode of the PLL (see Table 39).
Table 39. Maximum PFD Rate for PLL1
PLL Mode
Maximum PFD Rate (MHz)
Integer-N
260
Fractional-N
50
The charge pump circuit provides two pulse-width modulated
output signals: an up pulse and a down pulse. These up/down
pulses drive the charge pump circuit. The instantaneous phase
error determines the amount of charge delivered from the charge
pump to the loop filter. The closed-loop of the PLL tends to drive
the frequency and phase difference between the two PFD input
signals toward zero.
The AD9531 PLL1 contains two separate charge pumps. One is
a 1.8 V charge pump that controls the internal VCO, and the
other is a 3.3 V charge pump that drives an external loop filter
and VCXO (the VCXO is 3.3 V compliant). The 1.8 V charge
pump current is not user-programmable because the PLL1 control
logic automatically sets the 1.8 V charge pump current as required.
The 3.3 V charge pump, however, is user-programmable in
increments of 625 μA up to 5 mA via Register 0x0101, Bits[D4:D2].
PLL1 LOOP FILTER
A loop filter affects the dynamic characteristics (for example, lock
time and stability) of a PLL. When using an external VCXO, a
completely external loop filter is required, as shown in Figure 12.
Conversely, when using the internal VCO, the integrated loop
filter of the AD9531 requires only a single external capacitor or a
series RC combination connected between the LF pin and the
LDOREG1 pin. For a summary of the loop filter component
values, see Table 40.
Table 40. PLL1 Loop Filter Component Values
Component
Loop 1
Loop 2
Loop 2 Wide
Bandwidth
RZ
2.75 kΩ
0 Ω
0 Ω
RZ (External)
1 kΩ
Application specific
1 kΩ
CZ (External)
2.7 nF
Application specific
2.7 nF
CP
50 pF
50 pF
50 pF
R3
2 kΩ
2 kΩ
285 Ω
C3
50 pF
50 pF
50 pF
The PLL1 Loop 1 configuration relies on dynamic charge
pump current control to maintain a constant loop bandwidth of
approximately 50 kHz, independent of the value of the N1A feed-
back divider. The Loop 2 and internal Loop 4 configurations,
however, use static charge pump current; therefore, the bandwidth
depends on the feedback divider value.
PLL1 INTERNAL VCO
PLL1 incorporates a low phase noise, LC tank VCO. This VCO has
256 frequency bands spanning from 3500 MHz to 3900 GHz. At
power-up, a VCO calibration cycle begins; this cycle selects the
proper band based on the feedback divider value (see the PLL1
Internal VCO Calibration section).
The internal VCO has an integrated LDO linear voltage regulator
that isolates the VCO from possible external supply voltage
variations. The regulated LDO voltage appears at the
LDOREG1 pin. To ensure stability, connect a 220 nF capacitor
between this pin and ground. This LDO uses anyCAP™ technology
from Analog Devices, Inc., making it insensitive to the type
capacitor used for bypassing purposes.
Note that using the LDOREG1 pin to power an external circuit
may compromise VCO performance.
PLL1 VCO DIVIDER (M1)
The internal VCO operates in the 4 GHz range; this range is too
high to clock the output channel dividers. The purpose of the
M1 divider is to scale down the internal VCO frequency to an
acceptable range for the output channel dividers. The M1 divider is
programmable over a range of 3 to 11.
Under normal operation, there is no need for the user to reset the
M1 divider manually because the VCO calibration process (see the
PLL1 Internal VCO Calibration section) automatically resets M1.
However, when the user wants to change the M1 divider without
recalibrating the PLL1 VCO, the user must execute the following
sequence:
1. Reset the M1 divider (write Register 0x010F, Bits[D3:D0] =
0xF).
2. Issue an input/output update (write Register 0x0005,
Bit D0 = 1).
3. Program the new M1 divider value.
4. Issue an input/output update (write Register 0x0005,
Bit D0 = 1).
PLL1 EXTERNAL VCXO INPUT (RFIN1_x)
The RFIN1_P and RFIN1_N pins are configurable in both
differential and single-ended operation via Register 0x0101,
Bits[D1:D0]. In differential mode, the pins are internally self
biased, and the input signal is ac-coupled via capacitors. In
single-ended mode, only one input is operational, either
RFIN1_P or RFIN1_N, but not both (see Table 57 for details).
Note that the single-ended receivers possess hysteresis and have no
internal bias.
Rev. 0 | Page 35 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com