Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9531 Datasheet HTML 40Page - Analog Devices AD9531 Datasheet HTML 41Page - Analog Devices AD9531 Datasheet HTML 42Page - Analog Devices AD9531 Datasheet HTML 43Page - Analog Devices AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
AD9531
Data Sheet
PLL2 VCO DIVIDER (M2)
The internal VCO operates in the 2.4 GHz to 2.5 GHz range;
this range is too high to clock the output channel dividers. The
purpose of the M2 divider is to scale down the VCO frequency to
an acceptable range for the output channel dividers. The M2
divider is program-mable over a range of 3 to 11 via Register
0x0204, Bits[D3:D0].
Under normal operation, there is no need for the user to reset the
M2 divider manually because the VCO calibration process (see
the PLL2 VCO section) automatically resets M2.
However, when the user wants to change the M2 divider without
recalibrating the PLL2 VCO, the user must execute the following
sequence:
1. Reset the M2 divider (write Register 0x0204, Bits[D3:D0] =
0xF).
2. Issue an input/output update (write Register 0x0005,
Bit D0 = 1).
3. Program the new M2 divider value.
4. Issue an input/output update (write Register 0x0005,
Bit D0 =1).
PLL2 FEEDBACK DIVIDER (N2)
The N2 feedback divider is programmable over a useable range
of 13 to 255 via Register 0x0203, Bits[D7:D0]. N2 sets the frequency
multiplication factor from the input of the PFD input to the
output of the VCO.
PLL2 CLOCK DISTRIBUTION
PLL2 Output Groups
The clock distribution section exists as three groups of outputs
(Group 2A, Group 2B, Group 2C, and Group 2D), with each
group having several output drivers that share a channel divider.
Group 2A consists of the D2A channel divider and the output
drivers for OUT2_0 and OUT2_1. Group 2B consists of the D2B
channel divider and the output drivers for OUT2_2 through
OUT2_4. Group 2C consists of the D2C channel divider and the
output drivers for OUT2_5 through OUT2_7. Group 2D consists
of the D2D channel divider and the output drivers for OUT2_8 and
OUT2_11.
PLL2 Channel Dividers
The four channel dividers (D2A, D2B, D2C, and D2D) are
programmable from 0 to 255, corresponding to the divide ratios
of 1 to 256. Note that each channel divider has duty cycle
correction for odd divide ratios.
PLL2 Output Power-Down
The twelve output drivers (OUT2_0 through OUT2_11) have
independent power-down control via the SPI registers. Each
driver has a dedicated power-down bit in its appropriate control
register. In addition, setting all three logic mode bits of a
particular driver to Logic 0 powers down the output driver.
Note that powering down all the drivers in a group also powers
down the channel divider associated with that group. For
example, powering down output drivers OUT2_2x through
OUT2_4x automatically powers down D2B as well.
PLL2 Output Mode
The user has independent control of the operating mode of each of
the twelve output channels via the logic mode bits for PLL2 in the
register map. Table 44 summarizes the operating modes.
Use HSTL mode and ac-couple the output signal for LVPECL
applications.
Table 44. PLL2 Output Mode Selection
Logic Mode
[2:0]
Description
000
Disable
001
HSTL
010
Undefined
011
Undefined
100
1.8 V CMOS, OUT2_xP active, OUT2_xN active
101
1.8 V CMOS, OUT2_xP active, OUT2_xN disabled
110
1.8 V CMOS, OUT2_xP disabled, OUT2_xN active
111
Undefined
PLL2 Output Polarity
When programming a particular output for 1.8 V CMOS mode,
the polarity of the driver associated with that output is also
programmable (via the polarity bits for PLL2 in the register
map). That is, the logical sense of the output pin, OUT2_xP or
OUT2_xN, is invertible. Table 45 summarizes the polarity options
(normal vs. inverted) for both the positive and negative pins of
the particular 1.8 V CMOS output.
Table 45. Output Polarity, 1.8 V CMOS Mode Only
Polarity, Bits[1:0]
Description
00
OUT1_xP normal, OUT1_xN inverted
01
OUT1_xP normal, OUT1_xN normal
10
OUT1_xP inverted, OUT1_xN inverted
11
OUT1_xP inverted, OUT1_xN normal
PLL2 Output Clock Divider Synchronization
The sync function allows the user to control the reset of the
channel dividers (D2x) so that they can be phase aligned with
each other. Upon assertion of a sync signal, the sync block holds
the channel dividers reset and disables the clock signals at their
inputs. The clocks driving the channel dividers resume on the
falling edge of the sync signal. Therefore, the sync signal is a
single, positive pulse with both edges necessary to perform
output synchronization.
After the sync block receives a falling edge, it allows the channel
dividers to start up in a known state, even in the absence of an
input clock.
Rev. 0 | Page 44 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com