Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9531 Datasheet HTML 56Page - Analog Devices AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
AD9531
Data Sheet
REGISTER MAP DETAILS
Control bit functions are active high and register address values are hexadecimal, unless otherwise noted.
SERIAL PORT CONTROL REGISTERS—REGISTER 0x0000 TO REGISTER 0x0005
Table 53. Serial Port Control Register Details
Address
Bits
Bit Name
Description
0x0000
D7
Unused
Unused.
D6
LSB first
Bit order for the SPI port.
0 (default): most significant bit first and, for multibyte transfers, most significant byte first with
autodecrement register addressing.
1: least significant bit first and, for multibyte transfers, least significant byte first with
autoincrement register addressing.
D5
Soft reset
Software initiated reset. This bit restores register contents to the current ROM profile values.
[D4:D0]
Unused
Unused.
0x0004
[D7:D5]
Unused
Unused.
D4
Hardware reset
Software initiated hardware reset. This bit resets the internal device hardware without
changing the current register contents. This bit does not autoclear; therefore, for proper device
operation, first write a Logic 1 then, a Logic 0.
[D3:D2]
Unused
Unused.
D1
Reduce SPI strength
Alters the strength of the SPI port control pins. The default value for this bit resides in the ROM.
0: normal SPI strength.
1: reduced SPI strength.
D0
Read buffer register
Read cycle target (SPI or buffered register(s)).
0 (default): read cycles apply to the SPI registers.
1: read cycles apply to the buffered registers.
0x0005
[D7:D1]
Unused
Unused.
D0
I/O update
Software initiated input/output update. This is an autoclearing bit.
DEVICE IDENTIFICATION AND ROM PROFILE REGISTERS—REGISTER 0x000A TO REGISTER 0x000E
Register 0x000A to Register 0x000D are read-only. Writing to Register 0x000E invokes a ROM load sequence.
Table 54. Device Identification and ROM Profile Register Details
Address
Bits
Bit Name
Description
0x000A
[D7:D0]
Device ID [31:24]
Most significant byte of the device ID.
0x000B
[D7:D0]
Device ID [23:16]
Next byte of the device ID.
0x000C
[D7:D0]
Device ID [15:8]
Next byte of the device ID.
0x000D
[D7:D0]
Device ID [7:0]
Least significant byte of the device ID.
0x000E
[D7:D6]
Reserved
Reserved.
[D5:D0]
ROM profile
Reading this register provides the index value of the most recently loaded ROM profile. Writing to
the register selects one of 64 possible ROM profiles. The contents of this register are initially set at
power-up as described in the Multifunction Pins (LDET1/M1, LDET2/M2, LDET3/M3, LOR/M4)
section. Note that writing to this register loads the specified ROM profile, thereby updating the value of
all registers identified by ROM in the default column of the Register Map. The contents of a register
with ROM in the default column of the Register Map depend on the ROM profile number
identified by the bits in this register (see the ROM Profile Data section).
Rev. 0 | Page 60 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com