Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9531 Datasheet HTML 53Page - Analog Devices AD9531 Datasheet HTML 54Page - Analog Devices AD9531 Datasheet HTML 55Page - Analog Devices AD9531 Datasheet HTML 56Page - Analog Devices AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
Data Sheet
AD9531
REGISTER MAP
Registers are generic with normal read/write capability unless
otherwise noted in the option column (Opt.) as follows:
•
A means automatically cleared.
•
B means buffered register (requires an input/output update).
•
R means read only.
•
X means execute ROM load on register write.
•
N/A means not applicable.
The user must avoid writing to register addresses not listed in
Table 52. Such undocumented addresses may have reserved
functionality and writing to them may cause abnormal device
behavior.
Bits labeled unused have no associated physical hardware;
therefore, writing to these bits has no effect.
Bits labelled reserved may have associated hardware. When writing
to reserved bits, use the values in the default column (Def.).
In the default column,
•
Values are hexadecimal, unless otherwise noted.
•
Values with an R prefix indicate that the default values
originate from the ROM and the digits following the R
prefix indicate the ROM indices associated with the
register bits (see the ROM Profile Data section).
•
The “spec” default value (Register 0x0004) is Logic 0 for all
bits except the D1 bit, which uses ROM default R639 (see
the ROM Profile Data section).
•
The “pin” default value (Register 0x000E) indicates that the
multifunction pins set the default value as described in the
Multifunction Pins (LDET1/M1, LDET2/M2, LDET3/M3,
LOR/M4) section.
Table 52. Register Map
Reg.
Addr.
(Hex)
Opt.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def.
Serial Port Control Registers
0x0000
N/A
SPI control
Unused
LSB first
Soft reset
Unused
0x00
0x0004
N/A
Serial port
options
Unused
Hardware
reset
Unused
Reduce SPI
strength
Read
buffer
register
Spec
0x0005
A
Input/output
(I/O) update
Unused
I/O update
0x00
Device and ROM Profile Identification Registers
0x000A
R
Device ID
Device ID, Bits[31:24]
0x10
0x000B
R
Device ID, Bits[23:16]
0x00
0x000C
R
Device ID, Bits[15:8]
0x08
0x000D
R
Device ID, Bits[7:0]
0x00
0x000E
X
Profile
Reserved
ROM profile, Bits[5:0]
Pin
Status Registers
0x0080
R
Status
Reserved
PLL2
calibration
in progress
PLL1
calibration in
progress
Reserved
PLL3 lock
detect
PLL2 lock
detect
PLL1 lock
detect
N/A
0x0081
R
Unused
REF3 LOR
REF2 LOR
REF1B LOR
REF1A LOR
N/A
0x0082
R
Unused
Reserved
PLL1 freerun
PLL1
holdover
PLL1 active
reference
N/A
LDET/LOR Control Registers
0x0083
B
LDET
Reserved
LDET3
3.3 V mode
LDET3
invert
LDET2 3.3 V
mode
LDET2
invert
LDET1 3.3 V
mode
LDET1
invert
ROM
0x0084
B
LOR
Reserved
3.3 V mode
Invert
REF3 LOR
REF2 LOR
Active REF1
LOR
REF1B LOR
REF1A LOR
ROM
0x0085
B
LOR2
Reserved
3.3 V mode
Invert
REF3 LOR
REF2 LOR
Active REF1
LOR
REF1B LOR
REF1A LOR
ROM
PLL1 Registers
0x0100
B
PLL1 General
Registers
Unused
Reserved
Manual
sync
Manual
calibrate
Power-
down
ROM
0x0101
B
Enable M1
during
VCO
calibration
Fixed delay, Bits[1:0]
3.3 V charge pump current, Bits[2:0]
External oscillator (VCXO)
mode, Bits[1:0]
ROM
0x0102
B
Freerun
Holdover
Enable
reference
select
Reference
select
Wide
bandwidth
mode
Freerun vs.
holdover
Enable
autohold
Enable
autoswitch
ROM
0x0103
B
VCO
calibration
reset
REF1B input mode,
Bits[1:0]
REF1B
power-down
Reserved
REF1A input mode, Bits[1:0]
REF1A
power-
down
ROM
Rev. 0 | Page 57 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com