Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
AD9531
Data Sheet
LOOP
FILTER
VCO
÷N1B
÷N1A
÷M1
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1_x
AD9531: PLL1
1.8V
CP
REFERENCE
INPUT
LF
LDOREG1
Figure 14. PLL1 Loop 2 Configuration
LOOP
FILTER
VCO
÷N1A
÷M1
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1_x
AD9531: PLL1
1.8V
CP
REFERENCE
INPUT
LF
LDOREG1
Figure 15. PLL1 Loop 2 Wide Bandwidth Configuration
PLL1 Loop 2 Configuration (Integrated VCO)
Loop 2 consists of the N1A and N1B dividers in cascade, allowing
lower PFD frequencies than in the Loop 1 configuration. In this
configuration, the charge pump current is constant at 1200 μA
(there is no automatic scaling as in the Loop 1 configuration).
Furthermore, an internal switch shorts RZ in the integrated loop
filter and automatically sets the integrated pole capacitor (CP) to
50 pF. This particular internal loop filter configuration provides
the flexibility to set the response zero and first pole frequency of
the loop filter (via an external RC network) to accommodate a
low PFD rate. Note that Loop 2 configures PLL1 as an integer-N
PLL only.
The VCO frequency is a function of the PFD input frequency (see
the PLL1 Reference Frequency Scaling section) and the values
programmed into the registers associated with N1A and N1B.
fVCO = fPFD × N1A × N1B
where:
N1A is an element of the following set: {15, 16 ... 255}.
N1B is an element of the following set: {4, 5 ... 4095}.
The overall frequency translation equation for Loop 2 is as follows:
D1
M1
N1B
N1A
R1
f
f
REF
OUT1
×
×
×
=
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1A or REF_1B).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
OUT1_x and is also an element of the following set: {1, 2 ... 256}.
PLL1 Loop 2 Wide Bandwidth Configuration
To select the Loop 2 wide bandwidth configuration configure
the device for Loop 1 operation per Table 38, but set the wide
bandwidth mode bit (Register 0x0102, Bit D3) to Logic 1.
The Loop 2 wide bandwidth configuration is for applications
requiring improved jitter performance. It is identical to the
standard Loop 2 configuration in most respects. However, there
are two significant differences. First, N1B is not part of the
feedback path. Second, although not shown in Figure 15, the
SDM drives the N1A divider as in the Loop 1 configuration. In
the Loop 2 wide bandwidth configuration however, the SDM
tends to degrade jitter performance significantly. Therefore,
when using the Loop 2 wide bandwidth configuration, it is best
to operate in integer-N mode, which accounts for the exclusion
of the SDM from Figure 15.
The VCO frequency is a function of the PFD input frequency
(see the PLL1 Reference Frequency Scaling section) and the
value programmed into the register associated with N1A.
fVCO = fPFD × N1A
where N1A is an element of the following set: {15, 16 ... 255}.
The overall frequency translation equation for Loop 2 wide
bandwidth is as follows:
D1
M1
N1A
R1
f
f
REF
OUT1
×
×
=
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1A or REF_1B).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
M1 is an element of the following set: {3, 4 ... 11}.
D1 is the channel divider (D1A, D1B, or D1C) associated with
OUT1_x and is also an element of the following set: {1, 2 ... 256}.
Rev. 0 | Page 32 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com