Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices AD9531 Datasheet HTML 37Page - Analog Devices AD9531 Datasheet HTML 38Page - Analog Devices AD9531 Datasheet HTML 39Page - Analog Devices AD9531 Datasheet HTML 40Page - Analog Devices AD9531 Datasheet HTML 41Page - Analog Devices AD9531 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
AD9531
Data Sheet
Note that the automatic reference switch feature is nonrevertive.
For example, suppose that REF1_A is the active reference, but
its LOR becomes active, which triggers a reference switch from
REF1_A to REF1_B (assuming REF1_B does not indicate LOR).
This switch makes REF1_B the active reference. Then, suppose
REF1_A subsequently becomes available (meaning its LOR
clears). At this point, instead of the device preferentially reverting to
REF1_A, it retains REF1_B as the active reference until REF1_B
indicates LOR, whereupon a switch back to REF1_A occurs
(assuming REF1_A does not indicate LOR).
PLL1 INTERNAL VCO CALIBRATION
When Loop 1 (integer or fractional-N mode), Loop 2, or the
internal variant of Loop 4 is in effect, the internal VCO is
subject to calibration. Calibration centers the VCO control
voltage at the VCO frequency established after the PLL locks,
allowing the VCO sufficient operating range to maintain lock over
extremes of temperature and voltage (as long as the loop
parameters do not change).
At power-up, the VCO calibration sequence automatically executes,
as long as the multifunction pins select a profile that includes a
VCO calibration command. Otherwise, the user must do so man-
ually via the PLL1 manual calibrate bit (Bit D1 in Register 0x0100).
VCO calibration requires the presence of a reference signal.
Therefore, assuming a signal is present at the REF1_A and/or
REF1_B inputs, the VCO calibration controller awaits indication of
a valid reference signal. Note that, in the absence of a reference
signal, the device remains in VCO calibration mode until a
valid reference is present. Validation of an input signal initiates
the VCO calibration sequence, which allows the loop to lock
and selects the appropriate VCO frequency band.
When the loop parameters change (a new reference frequency
or different feedback divider value, for example), it is necessary
to manually initiate a VCO calibration sequence. To accomplish
this, write the following register sequence:
1. Register 0x0100, Bit D1 = 0 clears the manual calibrate bit.
2. Register 0x0005, Bit D0 = 1 asserts the input/output
update bit.
3. Register 0x0100, Bit D1 = 1 sets the manual calibrate bit.
4. Register 0x0005, Bit D0 = 1 asserts the input/output
update bit.
Note that, when the internal variant of Loop 4 is in effect, VCO
calibration requires special treatment. This is because the M1 and
D1x dividers stop during VCO calibration (a result of the
automatic sync function imposed during calibration), which
prevents the calibration circuitry from receiving the required
feedback clock edges. Therefore, the calibration controller
detects that Loop 4 is in effect and automatically switches to the
Loop 1 configuration to perform the VCO calibration sequence.
Upon completion of the calibration sequence, the calibration
controller automatically restores the Loop 4 configuration.
Note that, because the calibration controller uses the Loop 1
configuration, the N1A divider is necessarily in the feedback
path during the calibration sequence. Therefore, the user must
program the value of the N1A divider before initiating a calibration
sequence in the Loop 4 configuration, such that
N1A = M1 × D1x
That is, N1A must match the product of the M1 divider and the
selected channel divider (D1A, D1B, or D1C, as assigned per the
fixed delay bits of Register 0x0101, Bits[D6:D5]). Programming
N1A to the correct value ensures the calibration controller sets
the correct charge-pump current for the Loop 4 configuration.
Note that, during a VCO calibration sequence, the calibration
controller holds the distribution section in sync mode (channel
dividers reset and output drivers are static) until the calibration
terminates. Therefore, no output signals appear until the VCO
calibration sequence terminates as indicated by a Logic 1 to
Logic 0 transition of the PLL1 calibration in progress bit
(Register 0x0080, Bit D4).
The VCO calibration process requires approximately 172,000 cycles
of the PFD to complete. Therefore, the calibration time (tVCO_CAL)
depends on the input frequency to the PFD as follows:
tVCO_CAL =
PFD
f
5
10
72
.
1
×
Rev. 0 | Page 38 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com