Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9531 Datasheet HTML 2Page - Analog Devices AD9531 Datasheet HTML 3Page - Analog Devices AD9531 Datasheet HTML 4Page - Analog Devices AD9531 Datasheet HTML 5Page - Analog Devices AD9531 Datasheet HTML 6Page - Analog Devices AD9531 Datasheet HTML 7Page - Analog Devices AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices AD9531 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
AD9531
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Case 4
PLL1: off; PLL3: 3.3 V, CMOS input at 25 MHz, OUT3_0 and OUT3_1 at
125 MHz (1.8 V CMOS and HSTL, respectively); PLL2: off
1.8 V Supply
PLL1 Pins
6
mA
PLL2 Pins
19
mA
PLL3 Pins
72
mA
DVDD Pin
0.3
mA
3.3 V Supply
PLL1 Pins
3.2
mA
PLL2 Pins
1.3
mA
PLL3 Pins
0.1
mA
Case 5
PLL1: differential input at 122.88 MHz, HSTL output at 122.88 MHz, all
outputs active, internal VCO; PLL2: 3.3 V, CMOS input at 50 MHz, HSTL
output at 156.25 MHz, all outputs active; PLL3: 3.3 V, CMOS input at
25 MHz, OUT3_0 and OUT3_1 at 125 MHz (1.8 V CMOS and HSTL,
respectively)
1.8 V Supply
PLL1 Pins
270
mA
PLL2 Pins
280
mA
PLL3 Pins
72
mA
DVDD Pin
0.3
mA
3.3 V Supply
PLL1 Pins
34
mA
PLL2 Pins
23
mA
PLL3 Pins
0.1
mA
INCREMENTAL SUPPLY CURRENT
PLL1, External VCXO Configuration
1.8 V Supply (PLL1 Pins)
−22
mA
3.3 V Supply (PLL1 Pins)
−27
mA
PLL3, Dual Loop Configuration
1.8 V Supply (PLL3 Pins)
36
mA
3.3 V Supply (PLL3 Pins)
0
mA
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER CONSUMPTION
Does not include power dissipated in the external resistors
Case 1
PLL1: off; PLL2: off; PLL3 off
1.8 V Supply
PLL1 Pins
11
mW
PLL2 Pins
35
mW
PLL3 Pins
2.5
mW
DVDD Pin
0.5
mW
3.3 V Supply
PLL1 Pins
11
mW
PLL2 Pins
4.0
mW
PLL3 Pins
0.3
mW
Rev. 0 | Page 6 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com