Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9531 Datasheet HTML 7Page - Analog Devices AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices AD9531 Datasheet HTML 10Page - Analog Devices AD9531 Datasheet HTML 11Page - Analog Devices AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
Data Sheet
AD9531
PLL1, Fixed Delay Mode
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RELATIVE INPUT/OUTPUT DELAY
External VCXO
fVCXO = 122.88 MHz, fR = 15.36 MHz, fOUT = 15.36 MHz
Group 1A Feedback
From REF1_A/REF1_B to any Group 1A output
Differential Reference
1.60
2.45
ns
3.3 V CMOS Reference
0.82
1.48
ns
2.5 V CMOS Reference
0.64
1.37
ns
Group 1B Feedback
From REF1_A/REF1_B to any Group 1B output
Differential Reference
1.56
2.38
ns
3.3 V CMOS Reference
0.76
1.41
ns
2.5 V CMOS Reference
0.64
1.31
ns
Group 1C Feedback
From REF1_A/REF1_B to any Group 1C output
Differential Reference
1.79
2.60
ns
3.3 V CMOS Reference
0.94
1.58
ns
2.5 V CMOS Reference
0.84
1.41
ns
Internal VCO
fR = 122.88 MHz, fOUT = 122.88 MHz
Group 1A Feedback
From REF1_A/REF1_B to any Group 1A output
Differential Reference
1.09
2.23
ns
3.3 V CMOS Reference
0.36
1.64
ns
2.5 V CMOS Reference
0.27
1.51
ns
Group 1B Feedback
From REF1_A/REF1_B to any Group 1B output
Differential Reference
1.01
2.16
ns
3.3 V CMOS Reference
0.28
1.57
ns
2.5 V CMOS Reference
0.20
1.43
ns
Group 1C Feedback
From REF1_A/REF1_B to any Group 1C output
Differential Reference
1.14
2.32
ns
3.3 V CMOS Reference
0.44
1.70
ns
2.5 V CMOS Reference
0.37
1.56
ns
PLL1 Internal VCO
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL VCO
Frequency Range
3500
3686
3900
MHz
Gain
53
MHz/V
PLL1 PFD and Charge Pump
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM PFD FREQUENCY
1.8 V Charge Pump (Internal VCO)
Integer Mode
260
MHz
Fractional Mode
60
MHz
3.3 V Charge Pump (for External VCXO)
40
MHz
Rev. 0 | Page 11 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com