Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
Data Sheet
AD9531
PLL3 CHARACTERISTICS
FREQUENCY OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–100
–110
–105
JITTER: 2.74ps rms
JITTER BW: 12kHz TO 20MHz
Figure 8. Absolute Phase Noise, fR = 10 MHz, fOUT = 125 MHz, 3.3 V CMOS
Single-Ended Input, HSTL Output
FREQUENCY OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–100
–110
–105
JITTER: 1.5ps rms
JITTER BW: 12kHz TO 20MHz
Figure 9. Absolute Phase Noise, fR = 25 MHz, fOUT = 133 MHz, 3.3 V CMOS
Single-Ended Input, HSTL Output
FREQUENCY OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–100
–110
–105
JITTER: 4.47ps rms
JITTER BW: 12kHz TO 20MHz
Figure 10. Absolute Phase Noise, fR = 19.2 MHz, fOUT = 125 MHz, 3.3 V CMOS
Single-Ended Input, HSTL Output
Rev. 0 | Page 27 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com