Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9531 Datasheet HTML 80Page - Analog Devices AD9531 Datasheet HTML 81Page - Analog Devices AD9531 Datasheet HTML 82Page - Analog Devices AD9531 Datasheet HTML 83Page - Analog Devices AD9531 Datasheet HTML 84Page - Analog Devices AD9531 Datasheet HTML 85Page - Analog Devices AD9531 Datasheet HTML 86Page - Analog Devices AD9531 Datasheet HTML 87Page - Analog Devices AD9531 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
Data Sheet
AD9531
DRIVING REF2 OR REF3 WITH 3.3 V CMOS LOGIC
For applications with a 3.3 V CMOS driver as the reference
source, a single-ended to differential conversion is necessary, as
shown in Figure 47.
AD9531
REF2_P
REF2_N
3.3V
CMOS
C
C
R
C
R
1.2R
REF3_P
REF3_N
3.3V
CMOS
C
1.2R
73
74
62
63
1.8V
1.8V
Figure 47. Interfacing the REF2 or REF3 Inputs to 3.3 V CMOS
Choose the value of R and C in Figure 47 based on the input
frequency, fREF. Typically, choose R to limit the current load on
the CMOS driver as given by R = 1.5/ILOAD. Then, choose C
based on the input frequency such that C > 10/(R × fREF). The
remaining shunt resistor is 1.2× the value of R and provides the
necessary voltage scaling from 3.3 V to 1.8 V.
For example, ILOAD = 1 mA and fREF = 25 MHz results in
R = 1.5 kΩ (RSHUNT = 1.8 kΩ) and C > 270 pF.
USING REF2 OR REF3 WITH A CRYSTAL
RESONATOR
For applications using a crystal resonator as the reference input,
the XTAL amplifier bit in the appropriate programming register
must be set to Logic 1. Register 0x0200, Bit D4 applies to PLL2
and Register 0x0300, Bit D4 applies to PLL3.
Figure 48 shows a typical crystal connection for both the PLL2
and PLL3 reference inputs. The internal input circuitry converts
to an amplifier configuration to promote oscillation of the crystal
resonator. The value of the shunt capacitors (C) connected to the
crystal depends on the crystal manufacturer load capacitance
(CLOAD) specification for parallel resonance, as follows:
C = 2 × CLOAD
For example, a CLOAD specification of 10 pF means that the value
of each of the two capacitors connected to the crystal is 20 pF.
AD9531
REF2_P
C
C
REF2_N
C
C
REF3_P
REF3_N
73
74
62
63
Figure 48. Interfacing the REF2 or REF3 Inputs to a Crystal Resonator
Rev. 0 | Page 87 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com