Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Data Sheet
AD9531
PLL1 LOOP CONFIGURATIONS
The selection of the various PLL1 loop configurations depends
on the following three criteria:
•
The fixed delay bits (Register 0x0101, Bits[D6:D5]).
•
The external oscillator (VXCO) mode bits
(Register 0x0101, Bits[D1:D0]).
•
The N1B divider value.
A summary of the criteria necessary to select the various loop
configurations is shown in Table 38.
Table 38. PLL1 Loop Configurations1
Register 0x0101
N1B
Loop
VCO
Bits[D6:D5]
Bits[D1:D0]
0
0
0 or 1
1
Internal
0
0
>1
2
Internal
0
>0
X
3
External
>0
0
X
4
Internal
>0
>0
X
4
External
1
X means don’t care.
PLL1 Loop 1 Configuration (Integrated VCO)
In the Loop 1 configuration, the loop bandwidth of PLL1 is
constant at a nominal value of 100 kHz. The PFD of the PLL
drives a 1.8 V charge pump, which automatically changes its
output current proportional to the value of N1A, thereby
keeping the loop bandwidth constant regardless of the
frequency translation ratio.
The VCO frequency is a function of the PFD input frequency
(see the PLL1 Reference Frequency Scaling section) and the
values programmed into the registers associated with N1A,
N1A fraction, and N1A modulus.
+
×
=
Modulus
N1A
Fraction
N1A
N1A
f
f
PFD
VCO
where:
fVCO is the frequency of the VCO.
fPFD is the frequency at the input to the PFD.
N1A is an element of the following set: {NMIN, NMIN + 1, ... 255},
where NMIN = 15 for integer-N operation and NMIN = 80 for
fractional-N operation.
N1A Fraction is an element of the following set: {0, 1 ...
1,048,574}.
N1A Modulus is an element of the following set, but with the
constraint of N1A Fraction < N1A Modulus: {1, 2 ... 1,048,575}.
OUT1_x and is an element of the following set: {1, 2 ... 256}.
Note that programming N1A fraction to 0 disables the SDM and
configures PLL1 as an integer-N PLL. Integer-N operation yields
the best performance in terms of phase noise, spurs, and jitter.
The overall frequency translation equation for Loop 1 is as follows:
D1
M1
Modulus
N1A
Fraction
N1A
N1A
R1
f
f
REF
OUT1
×
+
×
=
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1A or REF_1B).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
M1 is an element of the following set: {3, 4 ... 11}.
D1 is the channel divider (D1A, D1B, or D1C) associated with
LOOP
FILTER
VCO
SDM
÷N1A
÷M1
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1_x
AD9531: PLL1
1.8V
CP
REFERENCE
INPUT
LF
LDOREG1
Figure 13. PLL1 Loop 1 Configuration
Rev. 0 | Page 31 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com