Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
AD9531
Data Sheet
SERIAL CONTROL PORT
Table 34.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT (SCLK, SDIO, CS)
1.8 V Supply
DVDD_IO (Pin 18) powered with 1.8 V
Input Voltage
Logic 1
1.3
V
Logic 0
0.6
V
Input Current (IINH, IINL)
−2
+2
µA
Input Capacitance
3
pF
3.3 V Supply
DVDD_IO (Pin 18) powered with 3.3 V
Input Voltage
Logic 1
1.3
V
Logic 0
0.6
V
Input Current (IINH, IINL)
−2
+2
µA
Input Capacitance
3
pF
OUTPUT (SDIO)
1.8 V Supply
DVDD_IO (Pin 18) powered with 1.8 V
Output Voltage
Logic 1
VDD − 0.2
V
1 mA load current
Logic 0
0.2
V
1 mA load current
3.3 V Supply
DVDD_IO (Pin 18) powered with 3.3 V
Output Voltage
Logic 1
VDD − 0.2
V
1 mA load current
Logic 0
0.2
V
1 mA load current
Serial Control Port Timing
Table 35.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1.8 V SUPPLY
DVDD_IO (Pin 18) powered with 1.8 V
SCLK
Clock Rate, 1/tSCLK
50
MHz
Pulse Width High, tHIGH
2.1
ns
Pulse Width Low, tLOW
1.7
ns
SDIO to SCLK Setup, tDS
0.3
ns
SCLK to SDIO Hold, tDH
1.0
ns
SCLK to Valid SDIO, tDV
6.5
ns
CS to SCLK Setup (tS) and Hold (tH)
1.1
ns
CS Minimum Pulse Width High
1.4
ns
3.3 V SUPPLY
DVDD_IO (Pin 18) powered with 3.3 V
SCLK
Clock Rate, 1/tSCLK
50
MHz
Pulse Width High, tHIGH
0.8
ns
Pulse Width Low, tLOW
2.5
ns
SDIO to SCLK Setup, tDS
1.8
ns
SCLK to SDIO Hold, tDH
0.4
ns
SCLK to Valid SDIO, tDV
6.5
ns
CS to SCLK Setup (tS) and Hold (tH)
2.4
ns
CS Minimum Pulse Width High
3.0
ns
Rev. 0 | Page 20 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com