Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9531 Datasheet HTML 39Page - Analog Devices AD9531 Datasheet HTML 40Page - Analog Devices AD9531 Datasheet HTML 41Page - Analog Devices AD9531 Datasheet HTML 42Page - Analog Devices AD9531 Datasheet HTML 43Page - Analog Devices AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
Data Sheet
AD9531
Figure 23 shows a flowchart demonstrating a robust PLL2 VCO
calibration procedure. The procedure terminates with an optional
output synchronization sequence. In the flowchart, the terms
CAL_COUNT and Timer represent variables in the software
code that a programmer may use to implement the flowchart.
START
DONE
CAL_COUNT = 0
WRITE REGISTER
0x0200[D1] = 0
VCO
CALIBRATION
PLL2 RECALIBRATION
LOOP
PLL2 LOCK DETECT
POLLING LOOP
VCO
CAL.
BIT
INPUT/OUTPUT
UPDATE BIT
INPUT/OUTPUT
UPDATE BIT
INPUT/OUTPUT
UPDATE BIT
VCO
CAL.
BIT
INPUT/OUTPUT
UPDATE BIT
WRITE REGISTER
0x0005[D0] = 1
WRITE REGISTER
0x0200[D1] = 1
WRITE REGISTER
0x0005[D0] = 1
WRITE REGISTER
0x0200[D2] = 1
DISTRIBUTION
SYNCHRONIZATION
OPERATION
SYNC
BIT
SYNC
BIT
WRITE REGISTER
0x0005[D0] = 1
WRITE REGISTER
0x0200[D2] = 0
WRITE REGISTER
0x0005[D0] = 1
CAL_COUNT =
CAL_COUNT + 1
START TIMER:
TIMER = 0
LOCK
DETECT
BIT
CAL_COUNT > 1
READ REGISTER
0x0080[D1] = 1
TIMER > 100ms
NO
NO
NO
YES
YES
YES
PLL2 FAILED
CALIBRATION
Figure 23. PLL2 VCO Calibration Flowchart
Rev. 0 | Page 43 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com