Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices AD9531 Datasheet HTML 37Page - Analog Devices AD9531 Datasheet HTML 38Page - Analog Devices AD9531 Datasheet HTML 39Page - Analog Devices AD9531 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
AD9531
Data Sheet
RFIN1_P
RFIN1_N
1.8V
2.5kΩ
2.5kΩ
0.68V
AD9531
3.3V
TOLERANT
33
34
Figure 20. RFIN1_P/RFIN1_N Equivalent Input Circuit
When using an external VCXO with a 3.3 V CMOS single-
ended output, however, it is best to use the differential input
mode to minimize duty cycle distortion. For more information,
see the Interfacing to the RFIN1_x Pins section under
Applications Information.
PLL1 CLOCK DISTRIBUTION
PLL1 Output Groups
The clock distribution section exists as three groups of outputs,
Group 1A, Group 1B, and Group 1C, with each group having
several output drivers that share a channel divider. Group 1A
consists of output drivers for OUT1_0 through OUT1_3 and
the D1A channel divider. Group 1B consists of output drivers
for OUT1_4 through OUT1_7 and the D1B channel divider.
Group 1C consists of output drivers for OUT1_8, OUT1_9, and
the D1C channel divider.
PLL1 Channel Dividers
The three channel dividers—D1A, D1B, and D1C—are program-
mable from a factor of 0 to a factor of 255, corresponding to divide
ratios ranging from 1 to 256. Note that each channel divider has
duty cycle correction for odd divide ratios.
PLL1 Output Power-Down
The ten output drivers (OUT1_0x through OUT1_9x) have
independent power-down control via the SPI registers. Each
driver has a dedicated power-down bit in its appropriate control
register. In addition, setting all three logic mode bits of a
particular driver to Logic 0 powers down the output driver.
Note that powering down all the drivers in a group also powers
down the channel divider associated with that group. For
example, powering down output drivers OUT1_4x through
OUT1_7x automatically powers down D1B.
PLL1 Output Operating Mode
The user has independent control of the operating mode of
each of the ten output channels via the logic mode bits for PLL1
in the register map. Table 41 summarizes the operating modes.
For LVPECL applications, use HSTL mode and ac-couple the
output signal.
Table 41. PLL1 Output Mode Selection
Logic Mode,
Bits [2:0]
Description
000
Disable
001
HSTL
010
Undefined
011
Undefined
100
1.8 V CMOS, OUT1_xP active, OUT1_xN active
101
1.8 V CMOS, OUT1_xP active, OUT1_xN disabled
110
1.8 V CMOS, OUT1_xP disabled, OUT1_xN active
111
Undefined
PLL1 Output Polarity
When the user programs a particular output for 1.8 V CMOS
mode, the polarity of the driver associated with that output is
also programmable (via the polarity bits for PLL1 in the register
map). That is, the logical sense of the output pin, OUT1_xP or
OUT1_xN, is invertible. Table 42 summarizes the polarity options
(normal vs. inverted) for both the positive and negative pins of the
particular 1.8 V CMOS output.
Table 42. Output Polarity, 1.8 V CMOS Mode Only
Polarity, Bits[1:0]
Description
00
OUT1_xP normal, OUT1_xN inverted
01
OUT1_xP normal, OUT1_xN normal
10
OUT1_xP inverted, OUT1_xN inverted
11
OUT1_xP inverted, OUT1_xN normal
PLL1 Output Clock Divider Synchronization (Sync)
The sync function allows the user to control the reset of the
channel dividers (D1x) so that they can be phase aligned with
each other. Upon assertion of a sync signal, the sync block holds
the channel dividers reset and disables the clock signals at their
inputs. The clocks driving the channel dividers resume on the
falling edge of the sync signal. Therefore, the sync signal is a
single, positive pulse with both edges necessary to perform
output synchronization.
After the sync block receives a falling edge, it allows the channel
dividers to start up in a known state, even in the absence of an
input clock.
When using PLL1 in any of the internal VCO operating modes,
the calibration complete and lock detect signals within the control
logic of PLL1 gate the sync function (see the Automatic Output
Synchronization section). Therefore, the output channel dividers
do not synchronize until PLL1 locks, a VCO calibration sequence
executes successfully, and a sync pulse occurs.
Manually force a sync pulse by writing the following register
sequence:
1. Register 0x0100, Bit D2 = 1 to set the manual sync bit.
2. Register 0x0005, Bit D0 = 1 to assert the input/output update
bit.
3. Register 0x0100, Bit D2 = 0 to clear the manual sync bit.
4. Register 0x0005, Bit D0 =1 to assert the input/output update
bit.
Rev. 0 | Page 36 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com