Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices AD9531 Datasheet HTML 37Page - Analog Devices AD9531 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
AD9531
Data Sheet
LOOP
FILTER
3.3V
CP
VCXO
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1x
AD9531: PLL1
REFERENCE
INPUT
LF
LDO
REG 1
Figure 18. PLL1 External Loop 4 Configuration
External Loop 4 Configuration
In the external Loop 4 configuration, the feedback divider
consists of one of the channel dividers (D1A, D1B, or D1C).
The particular channel divider included in the feedback path, D1x,
depends on the fixed delay bits (Register 0x0101, Bits[D6:D5]).
Note that M1 is not part of the feedback path in this configuration.
The external configuration uses the 3.3 V charge pump and an
external loop filter and VCXO.
fVCXO = fPFD × D1
where D1 is the channel divider (D1A, D1B, or D1C) associated
with OUT1_x. D1 is also an element of the following set: {1, 2 ...
256}.
The overall frequency translation equation for Loop 4 using an
external VCXO is as follows:
D1
R1
f
f
REF
OUT1
×
=
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1Ax or
REF_1Bx).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
PLL1 REFERENCE CLOCK INPUTS
(REF1_Ax/REF1_Bx)
Two pairs of pins, REF1_Ax and REF1_Bx, provide access to the
reference clock receivers. To accommodate input signals with slow
rising and falling edges, both the differential and single-ended
input receivers use hysteresis. Hysteresis also ensures that a
disconnected or floating input does not cause the receiver to
oscillate.
When configured for differential operation (see Figure 19 and
Table 57), the input receivers accommodate only ac-coupled
input signals. The input receivers are capable of accepting ac-
coupled LVDS and 2.5 V or 3.3 V LVPECL signals. The receiver
is internally dc biased to handle ac-coupled operation. Note that
the receivers do not have an internal resistive termination (50 Ω
or 100 Ω, for example).
REF1_AP
1.8V
REF1_AN
REF1_BP
REF1_BN
1.8V
3.3V
PROGRAMMABLE
2.5V OR 3.3V
LOGIC LEVELS.
3.3V
AD9531
25
24
28
27
Figure 19. PLL1 Reference Clock Receivers
When configured for single-ended operation (see Figure 19 and
Table 57), the REF1_AP and/or REF1_BP inputs have a user-
programmable input voltage range of 3.3 V or 2.5 V. These pins
possess an internal bias of 1.65 V or 1.25 V (for 3.3 V and 2.5 V
operation, respectively) via an internal resistor of approximately
46 kΩ. This configuration allows either dc coupling (typical) or ac
coupling, with ac coupling preferred for 3.3 V operation. Note that,
when operating in single-ended mode, the REF1_AN and/or
REF1_BN pins are nonfunctional; therefore, connect these pins
directly to ground to avoid parasitic coupling of stray signals.
PLL1 REFERENCE FREQUENCY SCALING
The frequency of the active reference is scalable via the R1 bits
in Register 0x0104 and Register 0x0105 (see Table 58). This
configuration allows the user to scale the reference frequency to
satisfy the input range of the PFD. The frequency appearing at
the input to the PFD of PLL1 depends on the frequency of the
active reference (REF_1A or REF_1B), scaled according to the
following criteria: when R1 = 0, the PFD frequency is twice the
active reference frequency. That is, the ×2 frequency multiplier
is active. A value of 1, 2, or 3 for R1 effectively bypasses the
divider, making the PFD frequency the same as the active
reference frequency. The remaining values of R1 (4 to 4095)
Rev. 0 | Page 34 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com