Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices AD9531 Datasheet HTML 49Page - Analog Devices AD9531 Datasheet HTML 50Page - Analog Devices AD9531 Datasheet HTML 51Page - Analog Devices AD9531 Datasheet HTML 52Page - Analog Devices AD9531 Datasheet HTML 53Page - Analog Devices AD9531 Datasheet HTML 54Page - Analog Devices AD9531 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
Data Sheet
AD9531
PLL LOCK DETECTION (LDETx)
PLL1, PLL2, and PLL3 each possess a built in digital lock detector
(DLD). PLL1 has a frequency lock detector, whereas PLL2 and
PLL3 have phase lock detectors. Each DLD senses the activity of
its associated PFD to determine if the PLL has acquired a lock
con-dition. The DLDs possess hysteresis to minimize chatter in
the lock detect signal as the loop acquires lock and crosses through
an internal lock/unlock threshold.
The DLDs indicate a logical true state for a lock condition and a
logical false state for an unlock condition. The actual logic level
(Logic 0 or Logic 1) at an LDETx pin depends on the invert bit
for that particular LDET indicator (Register 0x0083, Bit D4,
Bit D2, or Bit D0). When the invert bit is Logic 0, a true DLD
condition appears on an LDETx pin as Logic 1, and a false
condition appears as Logic 0. When the invert bit is Logic 1, a
true DLD condition appears on an LDETx pin as Logic 0, and a
false condition appears as Logic 1.
Furthermore, each of the LDETx pins may be set to 3.3 V logic
(instead of 1.8 V logic) by setting the appropriate 3.3 V mode
bit in Register 0x0083.
AUTOMATIC OUTPUT SYNCHRONIZATION
The output distribution sections associated with PLL1, PLL2,
and PLL3 can have their output channels synchronized so that
all channels of a particular PLL start producing clock signals at
the same instant. The manual sync bit in the register map of a
particular PLL controls the synchronization function for that
particular PLL, as explained in the output synchronization
section of the individual PLL descriptions.
However, output synchronization occurs automatically as the
end result of a reset event, as defined by one of the following
conditions:
•
A POR event
•
A ROM profile load
•
A soft reset (Register 0x0000, Bit D5 = 1)
•
A hardware reset (Register 0x0004, Bit D4 = 1)
Figure 27, Figure 28, and Figure 29 contain flow diagrams
showing the reset sequence for each PLL. Each sequence begins
with a reset event and terminates with the synchronization of
the output channels.
The flowcharts shown in Figure 27, Figure 28, and Figure 29
apply only to a reset event. That is, independent functions included
within the flow of the reset sequence, such as calibrate or sync,
are accessible via the programming registers, even after the reset
sequence terminates. However, when accessed after the termination
of the reset sequence, they behave as independent functions and
do not follow the reset sequence flow.
Figure 27 shows the reset sequence for PLL1. The REF1 pass
and REF1 fail events apply to REF1_A and/or REF1_B, per the
contents of Register 0x0084, Bits[D2:D0]. These bits determine
whether LOR indication is for REF1_A only, REF1_B only, or
the active reference (REF1_A or REF1_B, per the reference
switching controls). Though not explicitly shown in Figure 27, the
flowchart assumes implementation of the features in Figure 21 to
ensure a more robust calibration sequence.
Figure 28 shows the reset sequence for PLL2. The PLL2 flowchart is
similar to the PLL1 flowchart shown in Figure 27, except for the
absence of the external VCXO and fixed delay dependencies.
Though not explicitly shown in Figure 28, the flowchart assumes
implementation of the features in Figure 23 to ensure a more
robust calibration sequence.
Figure 29 shows the reset sequence for PLL3. The PLL3 flowchart is
similar to the PLL2 flowchart shown in Figure 28, except for the
absence of a calibration dependency.
Rev. 0 | Page 51 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com