Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Data Sheet
AD9531
TYPICAL PERFORMANCE CHARACTERISTICS
Nominal supply voltage for VDD = 3.3 V and 1.8 V, unless otherwise noted. Jitter integration bandwidth = 12 kHz to 20 MHz.
In the Typical Performance Characteristics section, the following terminology is used: fR is the device input reference clock frequency, fOUT is the
device output clock frequency, LBW is the loop bandwidth of PLLx, and LBW × 2 is the loop bandwidth of PLLx with the ×2 multiplier enabled.
PLL1 CHARACTERISTICS
FREQUENCY OFFSET (Hz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–165
100
1k
10k
100k
1M
10M
100M
JITTER: 461fs rms
JITTER BW: 12kHz TO 20MHz
Figure 3. Absolute Phase Noise, fR = 10 MHz, fOUT = 122.88 MHz, 3.3 V CMOS
Single-Ended Input, HSTL Output, Fractional-N PLL Mode, Internal VCO,
LBW = 100 kHz
FREQUENCY OFFSET (Hz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
100
1k
10k
100k
1M
10M
100M
JITTER: 145fs rms
JITTER BW: 12kHz TO 20MHz
VCXO SPECIFICATION
MANUFACTURER: TAITIEN
P/N: VTEUALJANF-122.88000
Figure 4. Absolute Phase Noise, fR = 10 MHz, fOUT = 122.88 MHz, 3.3 V CMOS
Single-Ended Input, HSTL Output, Integer-N PLL Mode, External VCO,
LBW = 100 Hz
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
JITTER BW: 12kHz TO 20MHz
fR = 122.88MHz
JITTER: 205fs rms
fR = 245.76MHz
JITTER: 169fs rms
Figure 5. Absolute Phase Noise, fR = 122.88 MHz and 245.76 MHz,
fOUT = 122.88 MHz, Differential Input, HSTL Output, Integer-N PLL Mode,
Internal VCO, Wide Bandwidth Mode, LBW = 300 kHz, LBW × 2 = 565 kHz
Rev. 0 | Page 25 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com