Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9531 Datasheet HTML 51Page - Analog Devices AD9531 Datasheet HTML 52Page - Analog Devices AD9531 Datasheet HTML 53Page - Analog Devices AD9531 Datasheet HTML 54Page - Analog Devices AD9531 Datasheet HTML 55Page - Analog Devices AD9531 Datasheet HTML 56Page - Analog Devices AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
Data Sheet
AD9531
Read Operation
If the instruction word is for a read operation (Bit I15 = 1), the
next N × 8 SCLK cycles clock out the data from the address
specified in the instruction word, where N = 1, 2, 3, or 4, as
determined by Bits[W1:W0]. In this case, the value of 4 is used for
streaming mode, where four or more words are transferred per
read. The serial port delivers the readback data to the SDIO pin
on the falling edge of SCLK.
By default, a read request reads the register value that is currently
in use by the AD9531. However, setting Register 0x0004, Bit D0 =
1 causes the buffered registers to be read instead. The buffered
registers are the registers that take effect during the next input/
output update.
SERIAL
CONTROL
PORT
SCLK
CS
SDIO
21
19
22
AD9531
CORE
REGISTER
UPDATE
EXECUTE AN
INPUT/OUTPUT
UPDATE
Figure 31. Relationship Between the Serial Control Port Register Buffers and
the Control Registers
INSTRUCTION WORD (16 BITS)
The MSB of the instruction word (see Table 50) is R/W, which
indicates whether the instruction is a read or a write. The next
two bits, W1 and W0, are the transfer length in bytes. The final
13 bits are the address bits (Address Bits[A12:A0]), at which the
read or write operation begins.
For a write operation, the instruction word is followed by the
number of bytes of data indicated by Bits[W1:W0], which is
interpreted according to Table 49.
Address Bits[A12:A0] select the address within the register map
that is written to or read from during the data transfer portion
of the communication cycle. The AD9531 uses all of the 13-bit
address space. For multibyte transfers, this address is the starting
byte address.
MSB/LSB FIRST TRANSFERS
The AD9531 instruction word and byte data can be MSB first or
LSB first. The default for the AD9531 is MSB first. Activate the
LSB first mode by setting Register 0x0000, Bit D6 = 1 (an input/
output update is not required). Immediately after writing
Register 0x0000, Bit D6 = 1, all serial control port operations
are changed to LSB first order.
When MSB first mode is active, the instruction word and data
bytes must occur in MSB to LSB order. Multibyte data transfers
in MSB first format start with an instruction word that includes
the register address of the most significant data byte. Subsequent
data bytes must follow in order from high address to low address.
In MSB first mode, the serial control port internal address gener-
ator decrements for each data byte of the multibyte transfer cycle.
When LSB first mode is active, the instruction word and data
bytes must occur in LSB to MSB order. Multibyte data transfers
in LSB first format start with an instruction word that includes
the register address of the least significant data byte followed by
multiple data bytes. In LSB first mode, the serial control port
internal address generator increments for each data byte of the
multibyte transfer cycle.
In summary, for MSB first (default) multibyte input/output
operations, the AD9531 serial control port internal address
generator decrements, whereas for LSB first multibyte
input/output operations, it increments. Furthermore, the serial
port controller does not skip unused addresses for multibyte
input/output operations. Write the default value to a reserved
register, or write Logic 0 to unused registers. It is more efficient to
issue a new write command than to write the default value to
more than two consecutive reserved (or unused) registers.
Table 50. Serial Control Port, 16-Bit Instruction Word, MSB First
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
W1
W0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Table 51. Definition of Terms Used in the Serial Control Port Timing Diagrams (See Figure 32 Through Figure 37)
Parameter
Description
tSCLK
Period of SCLK
tDV
Read data valid time (the time from the falling edge of SCLK to valid data on SDIO)
tDS
Setup time between data and the rising edge of SCLK
tDH
Hold time between data and the rising edge of SCLK
tS
Setup time between CS and SCLK
tH
Hold time between CS and SCLK
tHIGH
Minimum period that SCLK can be in a logic high state
tLOW
Minimum period that SCLK can be in a logic low state
Rev. 0 | Page 55 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com