Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9531 Datasheet HTML 72Page - Analog Devices AD9531 Datasheet HTML 73Page - Analog Devices AD9531 Datasheet HTML 74Page - Analog Devices AD9531 Datasheet HTML 75Page - Analog Devices AD9531 Datasheet HTML 76Page - Analog Devices AD9531 Datasheet HTML 77Page - Analog Devices AD9531 Datasheet HTML 78Page - Analog Devices AD9531 Datasheet HTML 79Page - Analog Devices AD9531 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
AD9531
Data Sheet
PLL3 OUT3_0 Registers—Register 0x0305 to Register 0x0306
Table 70. PLL3 OUT3_0 Register Details
Address
Bits
Bit Name
Description
0x0305
[D7:D4]
Reserved
Reserved.
[D3:D0]
D3A [3:0]
D3A divider, Bit D3 (MSB) to Bit D0 (LSB). The actual channel divide value is twice the value indicated in
this table, due to the fixed divide by 2 that follows D3A. D3A powers down when the OUT3_0 driver
powers down. The value of D3A [3:0] results in the following behavior:
0: divides by 16.
1 to 15: divides by this value.
0x0306
[D7:D4]
Unused
Unused.
D3
3.3 V mode
This bit is only effective when Register 0x0085, Bits[D4:D0] = 00000.
0: 1.8 V CMOS output driver.
1: 3.3 V CMOS output driver.
D2
Reserved
Reserved.
D1
Invert
0: OUT3_0 normal logic output.
1: OUT3_0 inverted logic output.
D0
Power-down
This bit is only effective when Register 0x0085, Bits[D4:D0] = 00000.
0: OUT3_0 driver active.
1: OUT3_0 driver powered down.
PLL3 OUT3_1x Registers—Register 0x0307 to Register 0x0308
Table 71. PLL OUT3_1 Register Details
Address
Bits
Bit Name
Description
0x0307
[D7:D4]
Reserved
Reserved.
[D3:D0]
D3B [3:0]
D3B divider Bit D3 (MSB) to Bit D0 (LSB). The actual channel divide value is twice the
value indicated in this table, due to the fixed divide by 2 that follows D3B. D3B
powers down when the OUT3_1x driver powers down. The value of D3B [3:0] results
in the following behavior:
0: divides by 16.
1 to 15: divides by this value.
0x0308
D7
Unused
Unused.
[D6:D3]
Logic mode [3:0]
Configure OUT3_1 output driver as follows:
0000: disabled.
0001: HSTL.
0010: LVDS.
0011: undefined.
0100: 1.8 V CMOS, OUT3_1P active, OUT3_1N active.
0101: 1.8 V CMOS, OUT3_1P active, OUT3_1N disabled.
0110: 1.8 V CMOS, OUT3_1P disabled, OUT3_1N active.
0111 to 1011: undefined.
1100: 3.3 V CMOS, OUT3_1P active, OUT3_1N active.
1101: 3.3 V CMOS, OUT3_1P active, OUT3_1N disabled.
1110: 3.3 V CMOS, OUT3_1P disabled, OUT3_1N active.
1111: undefined.
[D2:D1]
Polarity [1:0]
Configure OUT3_1 polarity as follows (applies to CMOS only):
00: OUT3_1P normal, OUT3_1N inverted.
01: OUT3_1P normal, OUT3_1N normal.
10: OUT3_1P inverted, OUT3_1N inverted.
11: OUT3_1P inverted, OUT3_1N normal.
D0
Power-down
0: OUT3_1x driver active.
1: OUT3_1x driver powered down.
Rev. 0 | Page 76 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com