Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
AD9531
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
58
57
56
55
54
53
52
51
50
49
48
47
46
45
59
60
61
62
63
64
65
66
21
22
AD9531
TOP VIEW
(Not to Scale)
LOR/M4
VDD3_01
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE MUST BE SOLDERED
TO GROUND TO ACHIEVE THE SPECIFIED THERMAL PERFORMANCE.
OUT3_0
VDD3
REF3_N
REF3_P
VDD3
LDET3/M3
OUT1_9N
OUT1_9P
VDD1_89
OUT1_8N
OUT1_8P
LDET1/M1
OUT1_7N
OUT1_7P
OUT1_6N
OUT1_6P
VDD1_47
OUT1_5N
OUT1_5P
OUT1_4N
OUT1_4P
OUT2_5P
OUT2_5N
OUT2_6P
OUT2_6N
VDD2_57
OUT2_7P
OUT2_7N
OUT2_8P
OUT2_8N
OUT2_9P
OUT2_9N
VDD2_811
OUT2_10P
OUT2_10N
OUT2_11P
OUT2_11N
DVDD_IO
CS
DVDD
SCLK
SDIO
Figure 2. Pin Configuration
Table 37. Pin Function Descriptions
Pin No.
Mnemonic
Supply Domain
Description
1
LOR/M4
1.8 V/3.3 V
Loss of Reference Pin. This is a multifunction pin.
2
OUT2_5P
1.8 V
PLL2 Output 5 (Positive).
3
OUT2_5N
1.8 V
PLL2 Output 5 (Negative).
4
OUT2_6P
1.8 V
PLL2 Output 6 (Positive).
5
OUT2_6N
1.8 V
PLL2 Output 6 (Negative).
6
VDD2_57
1.8 V
PLL2 Power Supply for Channel Outputs OUT2_5 Through OUT2_7.
7
OUT2_7P
1.8 V
PLL2 Output 7 (Positive).
8
OUT2_7N
1.8 V
PLL2 Output 7 (Negative).
9
OUT2_8P
1.8 V
PLL2 Output 8 (Positive).
10
OUT2_8N
1.8 V
PLL2 Output 8 (Negative).
11
OUT2_9P
1.8 V
PLL2 Output 9 (Positive).
12
OUT2_9N
1.8 V
PLL2 Output 9 (Negative).
13
VDD2_811
1.8 V
PLL2 Power Supply for Channel Outputs OUT2_8 Through OUT2_11.
14
OUT2_10P
1.8 V
PLL2 Output 10 (Positive).
15
OUT2_10N
1.8 V
PLL2 Output 10 (Negative).
16
OUT2_11P
1.8 V
PLL2 Output 11 (Positive).
17
OUT2_11N
1.8 V
PLL2 Output 11 (Negative).
18
DVDD_IO
1.8 V/3.3 V
Power Supply for Serial Input/Output Pins.
19
CS
1.8 V/3.3 V
Chip Select Pin.
20
DVDD
1.8 V
Power Supply for SPI Registers and PLL1 Digital Σ-Δ Modulator (SDM).
21
SCLK
1.8 V/3.3 V
Serial Programming Clock.
22
SDIO
1.8 V/3.3 V
Serial Data Input/Output.
23
VDD1_3V3
3.3 V
PLL1 REF_A/REF_B Input Receiver Power Supply.
24
REF1_AP
3.3 V
PLL1 REF_A Input (Positive). Use this pin when operating the REF_A input in single-ended
mode.
Rev. 0 | Page 22 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com