Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 5 Page - Analog Devices

  AD9531 Datasheet HTML 1Page - Analog Devices AD9531 Datasheet HTML 2Page - Analog Devices AD9531 Datasheet HTML 3Page - Analog Devices AD9531 Datasheet HTML 4Page - Analog Devices AD9531 Datasheet HTML 5Page - Analog Devices AD9531 Datasheet HTML 6Page - Analog Devices AD9531 Datasheet HTML 7Page - Analog Devices AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Data Sheet
AD9531
SPECIFICATIONS
Typical values are given for 3.3 V supplies at 3.3 V ± 5% and 1.8 V supplies at 1.8 V ± 5%; TA = 25°C. Minimum and maximum values apply over
the full variation of supply voltage and TA (−40°C to +85°C) as listed in Table 1, unless otherwise specified.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
3 V Supply Pins
3.3
V
3.3 V ± 5%
1.8 V Supply Pins
1.8
V
1.8 V ± 5%
TEMPERATURE RANGE, TA
−40
+25
+85
°C
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Case 1
PLL1: off; PLL2: off; PLL3: off
1.8 V Supply
PLL1 Pins
6
mA
PLL2 Pins
19
mA
PLL3 Pins
1.5
mA
DVDD
3
mA
3.3 V Supply
PLL1 Pins
3.2
mA
PLL2 Pins
1.3
mA
PLL3 Pins
0.1
mA
Case 2
PLL1: differential input at 122.88 MHz, HSTL output at 122.88 MHz,
all outputs active, internal VCO; PLL2: off; PLL3: off
1.8 V Supply
PLL1 Pins
270
mA
PLL2 Pins
19
mA
PLL3 Pins
1.5
mA
DVDD
0.3
mA
3.3 V Supply
PLL1 Pins
34
mA
PLL2 Pins
1.3
mA
PLL3 Pins
0.1
mA
Case 3
PLL1: off; PLL2: 3.3 V, CMOS input at 50 MHz, HSTL output at
156.25 MHz, all outputs active; PLL3: off
1.8 V Supply
PLL1 Pins
6
mA
PLL2 Pins
280
mA
PLL3 Pins
1.5
mA
DVDD Pin
0.3
mA
3.3 V Supply
PLL1 Pins
3.2
mA
PLL2 Pins
22
mA
PLL3 Pins
0.1
mA
Rev. 0 | Page 5 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com