Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Data Sheet
AD9531
TERMINOLOGY
Phase Jitter and Phase Noise
An ideal sine wave has a continuous and even progression of
phase with time from 0° to 360° for each cycle. A sine wave as a
real-world signal, however, exhibits a certain amount of variation in
its phase progression over time relative to the ideal sine wave. This
variation is phase jitter. Although many causes can contribute to
phase jitter, one major cause is random noise, characterized
statistically by a normal (Gaussian) distribution.
In the frequency domain, an ideal sine wave exhibits a discrete
spectral line. Phase jitter, however, blurs the ideal spectral line
because it distributes some of the energy of the sine wave
throughout the frequency spectrum, resulting in a continuous,
rather than discrete, power spectrum. This power spectrum
usually appears in the literature as a table of values given in
units of dBc/Hz at various offset frequencies from the frequency
of the sine wave (carrier). The units, dBc/Hz, represent a ratio
(expressed in decibels) of the power contained within a 1 Hz
bandwidth at some specified offset frequency from the carrier and
relative to the power in the carrier. In fact, the c in dBc is an abbrev-
iation for carrier and signifies decibels relative to the carrier.
It is important to integrate the total power contained within
some interval of offset frequencies (for example, 10 kHz to
10 MHz). This is integrated phase noise and relates phase noise
(a frequency domain parameter) over the given bandwidth to
jitter (a time domain parameter).
Phase noise has a detrimental effect on the performance of analog-
to-digital converters (ADCs), digital-to-analog converters (DACs),
and radio frequency (RF) mixers. Phase noise lowers the achievable
dynamic range of the converters and mixers, although it affects
these various devices in different ways.
Time Jitter
Phase noise is a frequency domain phenomenon. In the time
domain, the same effect appears as time jitter, which is a variation
of the instants of zero crossing of a sine wave (or a variation in the
occurrence of the edges of a square wave relative to their ideal
position in time). In both cases, timing jitter is variations relative to
the ideal timing instants. Because time jitter variations are random
in nature, they carry units of seconds root mean square (rms),
which corresponds to the standard deviation (σ) of a normal
(Gaussian) distribution.
Time jitter that occurs on a sampling clock for a DAC or an ADC
decreases the signal-to-noise ratio (SNR) and dynamic range of the
converter. A sampling clock with the lowest possible jitter allows
the highest possible performance from a given converter.
Additive Phase Noise
Additive phase noise is the amount of phase noise attributable
to the device or subsystem in question. That is, additive phase
noise is phase noise exhibited only by the device in question and
effectively disregards the phase noise contributions of other sources
(like external oscillators or clock sources). This disregarded phase
noise makes it possible to predict the impact of the device in
question on the total system phase noise when used in conjunction
with the various oscillators and clock sources (each contributing
its own phase noise to the total). In many cases, the phase noise
of one element dominates the system phase noise. When there
are multiple contributors to phase noise, the total is the square
root of the sum of squares of the individual contributors.
Additive Time Jitter
Additive time jitter is the same as additive phase noise, except it is
applicable to the time domain rather than the frequency domain.
Rev. 0 | Page 29 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com