Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9531 Datasheet HTML 43Page - Analog Devices AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices AD9531 Datasheet HTML 49Page - Analog Devices AD9531 Datasheet HTML 50Page - Analog Devices AD9531 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Data Sheet
AD9531
feedback dividers (N3A or N3B) to maintain a nearly constant
loop bandwidth of 2 MHz, nominal.
PLL3 LOOP FILTERS
The loop filters associated with PLL3A and PLL3B are identical
and have a third-order response characteristic. The control logic
associated with PLL3A and PLL3B selects the appropriate comp-
onent values of the respective loop filter based on the value of
the respective feedback divider (N3A and N3B). This, in con-
junction with control of the respective charge pump current,
yields a nearly constant loop bandwidth. That is, the closed-
loop bandwidth of PLL3A and PLL3B is a function of the
value of N3A and N3B, respectively, per Table 46.
Table 46. PLL3A/PLL3B Closed-Loop Bandwidth
N3A, N3B1
Nominal Closed-Loop Bandwidth (MHz)
Less than 24
3.5
24 to 47
1.75
Greater than 47
1.0
1
Table 46 shows that, based on the value of the divider, N3A affects the loop
bandwidth of PLL3A and N3B affects the loop bandwidth of PLL3B.
PLL3 VCOs
The VCOs associated with PLL3A and PLL3B are identical and
have a frequency range of 745 MHz to 805 MHz. Each has a
nominal gain of 750 MHz/V.
PLL3 FEEDBACK DIVIDERS
The feedback dividers associated with PLL3A and PLL3B (N3A
and N3B, respectively) are identical, with divide ranges according
to Register 0x0302 and Register 0x0304 (see Table 69). Program-
ming a value of 0 bypasses the associated PLL. Therefore, when
N3A = 0, the scaled reference input frequency appears at the
input to R3B and when N3B = 0, the output frequency of the R3B
divider appears at the input to the D3A and D3B channel dividers.
PLL3B REFERENCE DIVIDER (R3B)
The R3B reference divider is between PLL3A and PLL3B. R3B
scales the output frequency of the VCO from PLL3A down to a
range suitable for the PFD of PLL3B. The integer factor, R3B, is
variable via Register 0x0303, Bits[D7:D0], per Table 69.
PLL3 CLOCK DISTRIBUTION
Channel Dividers
The two channel dividers (D3A and D3B) are programmable,
providing divide ratios from 1 to 16 (see Table 70 and Table 71
for details). Note that each channel divider has a fixed divide by
2 divider at its output. Therefore, the overall channel divide
ratio is always even and spans a range of 2 to 32.
The channel dividers power down when their associated output
drivers power down.
Output Clock Divider Synchronization
The sync function allows the user to control the reset of the
channel dividers (D3x) so that they can be phase aligned with
each other. Upon assertion of a sync signal, the sync block holds
the channel dividers reset and disables the clock signals at their
inputs. The clocks driving the channel dividers resume on the
falling edge of the sync signal. Therefore, the sync signal is a
single, positive pulse with both edges necessary to perform
output synchronization.
After the sync block receives a falling edge, it allows the channel
dividers to start up in a known state even in the absence of an
input clock.
The sync function is gated by the lock detect signals within the
control logic of PLL3 (see the Automatic Output Synchronization
section). Therefore, the output channel dividers do not synch-
ronize until PLL3A and PLL3B locks and a sync pulse occurs.
The user can manually force a sync pulse by writing the
following register sequence:
1. Register 0x0300, Bit D2 = 1 sets the manual sync bit.
2. Register 0x0005, Bit D0 = 1 asserts the input/output
update bit.
3. Register 0x0300, Bit D2 = 0 clears the manual sync bit.
4. Register 0x0005, Bit D0 = 1 asserts the input/output
update bit.
Note that, if assertion of a sync pulse occurs prior to PLL3 lock,
synchronization of the channel dividers does not occur until the
lock condition is satisfied. Otherwise, the channel dividers
synchronize coincident with the falling edge of the sync pulse.
OUT3_0 Driver
OUT3_0 utilizes a CMOS driver, which normally functions as
an output clock signal for PLL3 and is capable of 1.8 V or 3.3 V
CMOS logic levels as determined by Register 0x0306, Bit D3. In
addition to controlling the output logic levels, the user also has
control over the logical sense of OUT3_0, which is invertible via
Register 0x0306, Bit D1. Furthermore, the OUT3_0 driver has
independent power-down control via Register 0x0306, Bit D0.
OUT3_0 may function as an optional second LOR pin, as well
(see the Loss of Reference (LOR) section). Note that, when using
OUT3_0 as an LOR pin, Register 0x0306, Bits[D3:D0] are ineff-
ective.
OUT3_1 Driver
OUT3_1 has multiple output driver operating modes, as shown
in Table 47 (see Register 0x0308, Bits[D6:D3]). These modes
include HSTL, LVDS, and 1.8 V or 3.3 V CMOS mode.
For LVPECL applications, use HSTL mode and ac-couple the
output signal.
Rev. 0 | Page 47 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com