Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
AD9531
Data Sheet
Pin No.
Mnemonic
Supply Domain
Description
72
VDD2
1.8 V
PLL2 Power Supply for the Input Circuitry.
73
REF2_P
1.8 V
PLL2 Reference Input (Positive).
74
REF2_N
1.8 V
PLL2 Reference Input (Negative).
75
VDD2
1.8 V
PLL2 Power Supply for the Output Circuitry.
76
OUT2_0P
1.8 V
PLL2 Output 0 (Positive).
77
OUT2_0N
1.8 V
PLL2 Output 0 (Negative).
78
VDD2_01
1.8 V
PLL2 Power Supply for Outputs OUT2_0 Through OUT2_1.
79
OUT2_1P
1.8 V
PLL2 Output 1 (Positive).
80
OUT2_1N
1.8 V
PLL2 Output 1 (Negative).
81
LDET2/M2
1.8 V/3.3 V
PLL2 Lock Detect. This is a multifunction pin.
82
OUT2_2P
1.8 V
PLL2 Output 2 (Positive).
83
OUT2_2N
1.8 V
PLL2 Output 2 (Negative).
84
OUT2_3P
1.8 V
PLL2 Output 3 (Positive).
85
OUT2_3N
1.8 V
PLL2 Output 3 (Negative).
86
VDD2_24
1.8 V
PLL2 Power Supply for Outputs OUT2_2 Through OUT2_4.
87
OUT2_4P
1.8 V
PLL2 Output 4 (Positive).
88
OUT2_4N
1.8 V
PLL2 Output 4 (Negative).
EP
Exposed Pad. The exposed pad on the bottom of the package must be soldered to ground
to achieve the specified thermal performance.
Rev. 0 | Page 24 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com