Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 84 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9531 Datasheet HTML 80Page - Analog Devices AD9531 Datasheet HTML 81Page - Analog Devices AD9531 Datasheet HTML 82Page - Analog Devices AD9531 Datasheet HTML 83Page - Analog Devices AD9531 Datasheet HTML 84Page - Analog Devices AD9531 Datasheet HTML 85Page - Analog Devices AD9531 Datasheet HTML 86Page - Analog Devices AD9531 Datasheet HTML 87Page - Analog Devices AD9531 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
AD9531
Data Sheet
THERMAL PERFORMANCE
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages.
Table 76. Thermal Parameters for the AD9531 88-Lead LFCSP Package
Symbol
Thermal Characteristic Using a JEDEC51-7 Plus JEDEC51-5 2S2P Test Board1
Value2
Unit
θJA
Junction-to-ambient thermal resistance, 0.0 m/sec airflow per JEDEC JESD51-2 (still air)
18
°C/W
θJMA
Junction-to-ambient thermal resistance, 1.0 m/sec airflow per JEDEC JESD51-6 (moving air)
16
°C/W
θJMA
Junction-to-ambient thermal resistance, 2.5 m/sec airflow per JEDEC JESD51-6 (moving air)
14
°C/W
θJB
Junction-to-board thermal resistance, 1.0 m/sec airflow per JEDEC JESD51-8 (moving air)
9
°C/W
θJC
Junction-to-case thermal resistance (die to heat sink) per MIL-Std 883, Method 1012.1
1.0
°C/W
ΨJT
Junction-to-top-of-package characterization parameter, 0 m/sec airflow per JEDEC JESD51-2 (still air)
0.1
°C/W
1
The exposed pad on the bottom of the package must be soldered to ground to achieve the specified thermal performance.
2
Results are from simulations. The printed circuit board (PCB) is a JEDEC multilayer type. Thermal performance for actual applications requires careful inspection of the
conditions in the application to determine if they are similar to those assumed in these calculations.
The AD9531 is specified for a case temperature (TCASE). To prevent
exceeding TCASE, use an airflow source. Use the following equation
to determine the junction temperature on the application PCB:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured by the customer at
the top center of the package.
ΨJT is the value as indicated in Table 76.
PD is the power dissipation (see Table 3).
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order approx-
imation of TJ by the following equation:
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of θJB are provided for package comparison and PCB
design considerations.
Rev. 0 | Page 84 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com