Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9531 Datasheet HTML 5Page - Analog Devices AD9531 Datasheet HTML 6Page - Analog Devices AD9531 Datasheet HTML 7Page - Analog Devices AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices AD9531 Datasheet HTML 10Page - Analog Devices AD9531 Datasheet HTML 11Page - Analog Devices AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Data Sheet
AD9531
Rev. 0 | Page 9 of 88
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Common-Mode Internally
Generated Bias Voltage
1.0
V
Hysteresis
20
mV
Differential Input Resistance
19
kΩ
Differential Input Capacitance
3
pF
Duty Cycle
40
60
%
Required for input frequencies below 20 MHz; limited by spurious
performance when ×2 frequency multiplier is in use
CMOS MODE SINGLE-ENDED INPUT
Single-ended operation is only applicable to the REF1_AP and
REF1_BP pins; for both of these inputs, the 2.5 V or 3.3 V mode
is selectable via Register 0x0103
Input Frequency Range
×2 Frequency Multiplier
Bypassed
9.5
260
MHz
Enabled
9.5
100
MHz
Hysteresis
430
mV
Input Resistance
46
kΩ
Input Capacitance
3
pF
Duty Cycle
40
60
%
Required for input frequencies below 20 MHz; limited by spurious
performance when ×2 frequency multiplier is in use.
3.3 V Operating Mode
Input Voltage
Bias
1.65
V
50% of 3.3 V supply, Pin 23 (VDD1_3V3)
High
2.0
V
Low
1.3
V
2.5 V Operating Mode
Input Voltage
Bias
1.25
V
38% of 3.3 V supply, Pin 23 (VDD1_3V3)
High
1.5
V
Low
0.9
V
PLL1 Distribution Clock Outputs (OUT1_0x to OUT1_9x)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL MODE
Specifications assume a 100 Ω termination across the
differential output pins
Output Frequency
400
MHz
Rise/Fall Time (20% to 80%)
120
170
ps
Listed values are for the edge (rising or falling) with the
lesser rate of change (|δv/δt|)
Duty Cycle
Up to fOUT = 400 MHz
45
50
55
%
Differential Output Voltage Swing
950
mV
Magnitude of voltage across pins; output driver static
Common-Mode Output Voltage
870
mV
Output driver static
CMOS MODE
Output Frequency
150
MHz
10 pF load
Rise/Fall Time (20% to 80%)
1.0
ns
10 pF load; listed value is for the edge (rising or falling)
with the lesser rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD − 0.2
V
Relative to the VDD1_03, VDD1_47, and VDD1_89 pins,
with the output driver static and IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com