Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 1 Page - Analog Devices

  AD9531 Datasheet HTML 1Page - Analog Devices AD9531 Datasheet HTML 2Page - Analog Devices AD9531 Datasheet HTML 3Page - Analog Devices AD9531 Datasheet HTML 4Page - Analog Devices AD9531 Datasheet HTML 5Page - Analog Devices AD9531 Datasheet HTML 6Page - Analog Devices AD9531 Datasheet HTML 7Page - Analog Devices AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
3-Channel Clock Generator, 24 Outputs
Data Sheet
AD9531
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
3 fully integrated PLL/VCO cores (PLL1, PLL2, and PLL3)
Jitter performance: 0.462 ps rms typical
PLL1, fractional-N mode, 12 kHz to 20 MHz bandwidth
Loss of reference and lock detection for each PLL
Pin-configurable common frequency translations
Automatic synchronization of all outputs on power-up
Manual output synchronization capability
Package available in an 88-lead LFCSP
PLL1 details
Fractional-N/integer-N modes
Optional external VCXO
Fixed delay mode for constant static phase offset
2 reference clock inputs
Input format: differential/single-ended
Frequency range: 9.5 MHz to 260 MHz
Reference switching: manual/automatic
10 ultralow jitter HSTL/CMOS outputs up to 400 MHz
PLL2 details
Integer-N mode (1 reference clock input)
Input format: differential/single-ended/crystal1
Frequency range: 9.5 MHz to 250 MHz
12 HSTL/CMOS outputs up to 400 MHz
PLL3 details
Integer-N mode (1 reference clock input)
Frequency range: 9.5 MHz to 100 MHz
Input format: differential/crystal (supports a 25 MHz to
50 MHz AT-cut quartz crystal resonator)
2 HSTL/LVDS/CMOS outputs to 400 MHz/150 MHz
(differential/CMOS)
APPLICATIONS
Radio equipment controller clocking
Low jitter/phase noise clock generation and distribution
Clock generation and translation for SONET, 10GE, 10G FC,
and other 10 Gbps protocols
40 Gbps/100 Gbps networking line cards, including SONET,
synchronous ethernet, OTU2/3/4
Forward error correction (G.710)
High performance wireless transceivers
ATE and high performance instrumentation
Broadband infrastructures
Ethernet line cards, switches, and routers
SATA and PCI-express
GENERAL DESCRIPTION
The AD9531 provides a multioutput clock generator function
and three on-chip phase-locked loop (PLL) cores with SPI
programmable output frequencies and formats.
PLL1 provides two reference inputs and 10 outputs and includes
four user selectable loop configurations. The PLL has a fully
integrated loop filter requiring only a single external capacitor
(or a series RC network). PLL1 provides a wide range of output
frequencies up to 400 MHz and is capable of operating with an
external voltage controlled crystal oscillator (VCXO) and loop
filter, instead of the integrated voltage controlled oscillator
(VCO) and loop filter.
PLL2 is an integer-N PLL providing a single reference input and
12 outputs. PLL2 synthesizes output frequencies up to 400 MHz
from the REF2_x source and synchronizes the output clocks to
the input reference.
PLL3 provides a single reference input and two outputs. PLL3
synthesizes output frequencies up to 400 MHz from the REF3_x
source and synchronizes the output clocks to input reference.
The AD9531 is available in an 88-lead LFCSP and is specified
over the −40°C to +85°C operating temperature range.
Throughout this data sheet, multifunction pins, such as
LOR/M4, are referred to either by the entire pin name or by a
single function of the pin (for example, LOR, when only that
function is relevant). In other cases, the text and figures of this
data sheet contain references to a channel rather than a pin. For
example, REF_A refers to the REF_A channel rather than the
REF_AP and REF_AN pins. Likewise, OUT3_1 refers to
Channel 1 of PLL3 rather than the OUT3_1P and OUT3_1N pins.
Additionally, an abbreviated notation for a pin pair replaces an
explicit reference to a each pin (for example, REF_Ax signifies
the REF_AN and REF_AP pins.).


Similar Part No. - AD9531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9530 AD-AD9530 Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
AD9530BCPZ AD-AD9530BCPZ Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
AD9530BCPZ-REEL7 AD-AD9530BCPZ-REEL7 Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
More results

Similar Description - AD9531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9575 AD-AD9575 Datasheet
316Kb / 16P
Network Clock Generator, Two Outputs
REV. 0
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
logo
Silicon Laboratories
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Texas Instruments
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
Four Outputs PCI-Express Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com