Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 88 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9531 Datasheet HTML 80Page - Analog Devices AD9531 Datasheet HTML 81Page - Analog Devices AD9531 Datasheet HTML 82Page - Analog Devices AD9531 Datasheet HTML 83Page - Analog Devices AD9531 Datasheet HTML 84Page - Analog Devices AD9531 Datasheet HTML 85Page - Analog Devices AD9531 Datasheet HTML 86Page - Analog Devices AD9531 Datasheet HTML 87Page - Analog Devices AD9531 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 88 page
background image
AD9531
Data Sheet
Rev. 0 | Page 88 of 88
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VRRD
EXCEPT FOR MINIMUM THICKNESS AND LEAD COUNT.
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.30
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
0.50
BSC
0.138~0.194 REF
12° MAX
SEATING
PLANE
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
*0.90
0.85
0.75
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
6.80
6.70 SQ
6.60
PIN 1
INDICATOR
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
Figure 49. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9531BCPZ
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-88-5
AD9531BCPZ-REEL7
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-88-5
AD9531/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12973-0-1/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com