Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9531 Datasheet HTML 42Page - Analog Devices AD9531 Datasheet HTML 43Page - Analog Devices AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices AD9531 Datasheet HTML 49Page - Analog Devices AD9531 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
AD9531
Data Sheet
PLL3
REF3_N
VDD3
REF3_P
PFD
VCO
720MHz TO
805MHz
VCO
720MHz TO
805MHz
FIXED INTERNAL
LOOP FILTER
RZB
C3B
CPB
CZB
R3B
FIXED INTERNAL
LOOP FILTER
RZA
C3A
CPA
CZA
R3A
CHARGE
PUMP
DLDa
CHARGE
PUMP
DLDb
LDET3/M3
DLDb
OUT3_1x
OUT3_0x
÷ R3A
×2
÷ N3A
÷ D3B
÷ D3A
÷ N3B
DLDb
×2A
÷ R3B
÷ 2
LOR2 MONITOR
PLL3A
PLL3B
×2B
PFD
÷ 2
Figure 24. PLL3 Block Diagram
PLL3 INTEGER-N PLL
PLL3 consists of two, cascaded integer-N PLLs (PLL3A and
PLL3B), each with a loop bandwidth in the range of approximately
2 MHz. A detailed block diagram of PLL3 is shown in Figure 24.
PLL3 REFERENCE CLOCK INPUT (REF3_P/REF3_N)
The differential receiver associated with the REF3_P and
REF3_N pins has a 1.8 V supply. Typically, the user drives the
reference input with a differential signal compatible with 1.8 V
logic levels. For applications with a 3.3 V CMOS reference, see
the Driving REF2 or REF3 with 3.3 V CMOS Logic section in
Applications Information for more details.
The PLL3 reference clock input also supports direct connection to a
crystal resonator. This feature is in effect when the XTAL amplifier
bit (Register 0x0300, Bit D4) is Logic 1. For applications using a
crystal resonator at the reference clock input, see the Using
REF2 or REF3 with a Crystal Resonator section in Applications
Information for more details.
PLL3 INPUT FREQUENCY SCALING
The input frequency applied at REF3 is scalable via R3A per
Register 0x0301, Bits[D3:D0] (see Table 69). This feature allows
the user to scale the reference frequency to satisfy the input
range of the PFD. The available frequency scaling factors are as
follows: 2, 1, 2/3, 1/2, 1/3, 1/4, 1/6, and 1/8. Programming
Register 0x0301, Bits[D3:D0] with a value of 0 disables in the
input reference section.
When using the ×2 frequency multiplier in the input reference
section (a frequency scale factor of either 2 or 2/3), the REF3
signal must have a duty cycle close to 50%. Otherwise, spurious
artifacts (harmonics) may propagate through the signal path
and appear at the output of PLL3.
PLL3 PFD AND CHARGE PUMPS
The PFD determines the phase difference between the edges of
the reference divider output and the edges of the feedback
divider output. The circuit provides two pulse-width modulated
output signals: an up pulse and a down pulse. These up/down
pulses drive the charge pump circuit. The instantaneous phase
error determines the amount of charge delivered from the charge
pump to the loop filter. The closed-loop of the PLL tends to drive
the frequency and phase difference between the two PFD input
signals toward 0.
The control logic associated with PLL3A and PLL3B sets the
respective charge pump current based on the value of the
Rev. 0 | Page 46 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com