Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9531 Datasheet HTML 11Page - Analog Devices AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
Data Sheet
AD9531
PLL2 Output Timing Skew Matrix (CMOS Mode)
Entries in Table 21 are typical with units of picoseconds (ps) and only apply with a channel divider input frequency less than 650 MHz.
The typical pin load is 10 pF. Any blank cell shown in Table 21 indicates an empty space in the matrix.
Table 21.
OUT2_x1
Group 2A
Group 2B
Group 2C
Group 2D
0
1
2
3
4
5
6
7
8
9
10
11
0
20
100
100
100
100
100
100
100
100
100
100
1
100
100
100
100
100
100
100
100
100
100
2
20
20
100
100
100
100
100
100
100
3
20
100
100
100
100
100
100
100
4
100
100
100
100
100
100
100
5
20
20
100
100
100
100
6
20
100
100
100
100
7
100
100
100
100
8
20
20
20
9
20
20
10
20
11
1
OUT2_x refers to one of the 12 output channels associated with PLL2.
PLL2 Output Isolation, Group to Group
Table 22.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
GROUP TO GROUP ISOLATION
Indicates the worst spur occurring in any channel of the
noninterferer groups; all outputs of all groups active and
configured as HSTL
Group 2A Interferer
70
dB
Group 2A = 125 MHz, Group 2B = 156.25 MHz, Group 2C =
156.25 MHz, Group 2D = 156.25 MHz
Group 2B Interferer
66
dB
Group 2A = 156.25 MHz, Group 2B = 125 MHz, Group 2C =
156.25 MHz, Group 2D = 156.25 MHz
Group 2C Interferer
65
dB
Group 2A = 156.25 MHz, Group 2B = 156.25 MHz, Group 2C =
125 MHz, Group 2D = 156.25 MHz
Group 2D Interferer
63
dB
Group 2A = 156.25 MHz, Group 2B = 156.25 MHz, Group 2C =
156.25 MHz, Group 2D = 125 MHz
PLL2 VCO and PFD Characteristics
Table 23.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO FREQUENCY RANGE
2400
2500
MHz
An additional 200 ppm margin is allowed beyond these limits
to accommodate input reference drift
PLL FIGURE OF MERIT (FOM)
−222
dBc/Hz
Measured at 500 kHz offset from the output frequency under
the following conditions: fR = 50 MHz, 3.3 V CMOS (single-ended
input), fOUT = 156.25 MHz, (HSTL output)
PFD FREQUENCY RANGE
125
MHz
Rev. 0 | Page 15 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com