Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 58 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9531 Datasheet HTML 54Page - Analog Devices AD9531 Datasheet HTML 55Page - Analog Devices AD9531 Datasheet HTML 56Page - Analog Devices AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
AD9531
Data Sheet
Reg.
Addr.
(Hex)
Opt.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def.
0x0104
B
PLL1
frequency
translation
registers
R1, Bits[7:0]
ROM
0x0105
B
Unused
R1, Bits[11:8]
ROM
0x0106
B
N1A, Bits[7:0]
ROM
0x0107
B
N1A fraction, Bits[7:0]
ROM
0x0108
B
N1A fraction, Bits[15:8]
ROM
0x0109
B
Reserved
N1A fraction, Bits[19:16]
ROM
0x010A
B
N1A modulus, Bits[7:0]
ROM
0x010B
B
N1A modulus, Bits[15:8]
ROM
0x010C
B
Reserved
N1A modulus, Bits[19:16]
ROM
0x010D
B
N1B, Bits[7:0]
ROM
0x010E
B
Unused
N1B, Bits[11:8]
ROM
0x010F
B
Unused
M1, Bits[3:0]
ROM
0x0110
B
D1A
D1A, Bits[7:0]
ROM
0x0111
B
OUT1_0
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0112
B
OUT1_1
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0113
B
OUT1_2
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0114
B
OUT1_3
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0115
B
D1B
D1B, Bits[7:0]
ROM
0h0116
B
OUT1_4
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0117
B
OUT1_5
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0118
B
OUT1_6
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0119
B
OUT1_7
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x011A
B
D1C
D1C [7:0]
ROM
0x011B
B
OUT1_8
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x011C
B
OUT1_9
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
PLL2 Registers
0x0200
B
PLL2 general
registers
Unused
Reserved
XTAL
amplifier
Reserved
Manual
sync
Manual
calibrate
Power-
down
ROM
0x0201
B
Unused
Manual
charge
pump
current
Charge pump current, Bits[2:0]
ROM
0x0202
B
PLL2
frequency
translation
registers
Unused
R2, Bits[3:0]
ROM
0x0203
B
N2, Bits[7:0]
ROM
0x0204
B
Unused
M2, Bits[3:0]
ROM
0x0205
B
D2A
D2A, Bits[7:0]
ROM
0x0206
B
OUT2_0
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0207
B
OUT2_1
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0208
B
D2B
D2B, Bits[7:0]
ROM
0x0209
B
OUT2_2
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x020A
B
OUT2_3
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x020B
B
OUT2_4
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x020C
B
D2C
D2C [7:0]
ROM
0x020D
B
OUT2_5
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
Rev. 0 | Page 58 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com