Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
AD9531
Data Sheet
PLL2 Jitter Generation
The jitter integration bandwidth is from 12 kHz to 20 MHz.
Table 24.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
fR = 25 MHz, fOUT = 156.25 MHz
0.566
ps rms
fR = 50 MHz, fOUT = 156.25 MHz
0.337
ps rms
PLL2 Spurious Performance
Entries in Table 25 indicate the worst spur measured between dc and 1 GHz on any PLL2 output for the given conditions.
Table 25.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SPURIOUS PERFORMANCE
ROM Profile 4
PLL1: fR = 122.88 MHz, fLOOP = 300 kHz; PLL2: fR = 50 MHz
OUT2_0 to OUT2_4
−61
dBc
OUT2_5 to OUT2_7
−69
dBc
OUT2_8 to OUT2_11
−78
dBc
ROM Profile 5
PLL1: fR = 10 MHz, fVCXO = 122.88 MHz, fLOOP = 100 Hz; PLL2: fR =
50 MHz; PLL3: fR = 10 MHz, CLOAD = 10 pF on OUT3_1P
OUT2_0
−76
dBc
OUT2_1
−65
dBc
OUT2_2 to OUT2_3
−69
dBc
OUT2_4 to OUT2_11
−79
dBc
PLL2 Start-Up Time
Table 26.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
START-UP TIME
The time from the application of power (90% of
nominal) to the first output clock edge (PLL2 is
locked and outputs are synchronized)
fR = 25 MHz, fOUT = 156.25 MHz, fPFD = 25 MHz
50
ms
Rev. 0 | Page 16 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com