Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices AD9531 Datasheet HTML 28Page - Analog Devices AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
AD9531
Data Sheet
PLL2 CHARACTERISTICS
FREQUENCY OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
JITTER BW: 12kHz TO 20MHz
fR = 25MHz
JITTER: 564fs rms
fR = 50MHz
JITTER: 333fs rms
Figure 6. Absolute Phase Noise, fR = 25 MHz and 50 MHz, fOUT = 156.25 MHz,
3.3 V CMOS Single-Ended Input, HSTL Output
FREQUENCY OFFSET (Hz)
100
1k
10k
100k
1M
10M
100M
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
JITTER BW: 12kHz TO 20MHz
fR = 25MHz
JITTER: 569fs rms
fR = 50MHz
JITTER: 338fs rms
Figure 7. Absolute Phase Noise, fR = 25 MHz and 50 MHz, fOUT = 125 MHz,
3.3 V CMOS Single-Ended Input, HSTL Output
Rev. 0 | Page 26 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com